Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 125Page - STMicroelectronics STM32H7B0IB Datasheet HTML 126Page - STMicroelectronics STM32H7B0IB Datasheet HTML 127Page - STMicroelectronics STM32H7B0IB Datasheet HTML 128Page - STMicroelectronics STM32H7B0IB Datasheet HTML 129Page - STMicroelectronics STM32H7B0IB Datasheet HTML 130Page - STMicroelectronics STM32H7B0IB Datasheet HTML 131Page - STMicroelectronics STM32H7B0IB Datasheet HTML 132Page - STMicroelectronics STM32H7B0IB Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 205 page
background image
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
tSTAB
ADC power-up time
LDO already started
1
-
-
conversion
cycle
tCAL
Offset and linearity
calibration time
-
165010
1/fADC
tOFF_CAL
Offset calibration time
-
1280
tLATR
Trigger conversion
latency for regular
and injected channels
without aborting the
conversion
CKMODE = 00
1.5
2
2.5
CKMODE = 01
-
-
2.5
CKMODE = 10
-
-
2.5
CKMODE = 11
-
-
2.25
tLATRINJ
Trigger conversion
latency for regular
and injected channels
when a regular
conversion is aborted
CKMODE = 00
2.5
3
3.5
CKMODE = 01
-
-
3.5
CKMODE = 10
-
-
3.5
CKMODE = 11
-
-
3.25
tS
Sampling time
-
1.5
-
810.5
tCONV
Total conversion time
(including sampling
time)
N-bits resolution
tS +
0.5 +
N/2
-
-
IDDA_D(ADC)
ADC consumption on
VDDA, BOOST=11,
Differential mode
Resolution = 16 bits, fADC=25 MHz
-
1440
-
µA
Resolution = 14 bits, fADC=30 MHz
-
1350
-
Resolution = 12 bits, fADC=40 MHz
-
990
-
ADC consumption on
VDDA, BOOST=10,
Differential mode
fADC=25 MHz
Resolution = 16 bits
-
1080
-
Resolution = 14 bits
-
810
-
Resolution = 12 bits
-
585
-
ADC consumption on
VDDA, BOOST=01,
Differential mode
fADC=12.5 MHz
Resolution = 16 bits
-
630
-
Resolution = 14 bits
-
432
-
Resolution = 12 bits
-
315
-
ADC consumption on
VDDA, BOOST=00,
Differential mode
fADC=6.25 MHz
Resolution = 16 bits
-
360
-
Resolution = 14 bits
-
270
-
Resolution = 12 bits
-
225
-
IDDA_SE(ADC)
ADC consumption on
VDDA, BOOST=11,
Single-ended mode
Resolution = 16 bits, fADC=25 MHz
-
720
-
µA
Resolution = 14 bits, fADC=30 MHz
-
675
-
Resolution = 12 bits, fADC=40 MHz
-
495
-
ADC consumption on
VDDA, BOOST=10,
Single-ended mode
fADC=25 MHz
Resolution = 16 bits
-
540
-
Resolution = 14 bits
-
405
-
Resolution = 12 bits
-
292.5
-
ADC consumption on
VDDA, BOOST=01,
Single-ended mode
fADC=12.5 MHz
Resolution = 16 bits
-
315
-
Resolution = 14 bits
-
216
-
Resolution = 12 bits
-
157.5
-
ADC consumption on
VDDA, BOOST=00,
Single-ended mode
fADC=6.25 MHz
Resolution = 16 bits
-
180
-
Resolution = 14 bits
-
135
-
Resolution = 12 bits
-
112.5
-
IDD(ADC)
ADC consumption on
VDD
fADC=50 MHz
-
400
-
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 129/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com