Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 133 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 129Page - STMicroelectronics STM32H7B0IB Datasheet HTML 130Page - STMicroelectronics STM32H7B0IB Datasheet HTML 131Page - STMicroelectronics STM32H7B0IB Datasheet HTML 132Page - STMicroelectronics STM32H7B0IB Datasheet HTML 133Page - STMicroelectronics STM32H7B0IB Datasheet HTML 134Page - STMicroelectronics STM32H7B0IB Datasheet HTML 135Page - STMicroelectronics STM32H7B0IB Datasheet HTML 136Page - STMicroelectronics STM32H7B0IB Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 205 page
background image
2.
Ideal transfer curve.
3.
End point correlation line.
4.
ET = Total Unadjusted Error: maximum deviation between the actual and the ideal transfer curves.
5.
EO = Offset Error: deviation between the first actual transition and the first ideal one.
6.
EG = Gain Error: deviation between the last ideal transition and the last actual one.
7.
ED = Differential Linearity Error: maximum deviation between actual steps and the ideal one.
8.
EL = Integral Linearity Error: maximum deviation between any actual transition and the end point correlation
line.
Figure 47. Typical connection diagram using the ADC with FT/TT pins featuring analog switch function
MSv67871V3
Sample-and-hold ADC converter
Converter
Cparasitic(2)
Ilkg(3)
CADC
VDDA(4)
RAIN(1)
VAIN
RADC
VREF+(4)
VSSA
I/O
analog
switch
Sampling
switch with
multiplexing
VSS
VSS
1.
Refer to Table 91. ADC characteristics for the values of RAIN and CADC.
2.
Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the
pad capacitance (refer to Table 63. I/O static characteristics). A high Cparasitic value downgrades conversion
accuracy. To remedy this, fADC should be reduced.
3.
Refer to Table 63. I/O static characteristics for the value of Ilkg.
4.
Refer to .Figure 12. Power supply scheme.
General PCB design guidelines
Power supply decoupling should be performed as shown in Figure 48. Power supply and reference decoupling
(VREF+ not connected to VDDA) or Figure 49. Power supply and reference decoupling (VREF+ connected to VDDA),
depending on whether VREF+ is connected to VDDA or not. The 100 nF capacitors should be ceramic (good
quality). They should be placed them as close as possible to the chip.
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 133/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com