Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86JR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STWBC86JR
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86JR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STWBC86JR Datasheet HTML 7Page - STMicroelectronics STWBC86JR Datasheet HTML 8Page - STMicroelectronics STWBC86JR Datasheet HTML 9Page - STMicroelectronics STWBC86JR Datasheet HTML 10Page - STMicroelectronics STWBC86JR Datasheet HTML 11Page - STMicroelectronics STWBC86JR Datasheet HTML 12Page - STMicroelectronics STWBC86JR Datasheet HTML 13Page - STMicroelectronics STWBC86JR Datasheet HTML 14Page - STMicroelectronics STWBC86JR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
5.4
Chip reset pin
The RSTB pin, active low, can block operation of the device by forcing the digital core in reset state.
After releasing the reset pin, STWBC86 can resume normal operation mode.
5.5
GPIOx and INTB pins
The GPIO0 through GPIO7 pins are programmable general-purpose I/O pins. These pins can be configured as
inputs or outputs (push-pull or open-drain) according to the selected function.
The INTB(GPIO6) pin is an interrupt output line that can be associated to any internal interrupt condition and used
to inform the host system about specific events.
5.6
Device protections
Input voltage and input current are monitored by an internal ADC.
Both input voltage and input current can be limited by setting OVP and OCP thresholds.
Exceeding either threshold triggers a corresponding protection.
Internal temperature is also measured using the internal ADC and it's threshold can be set in °C.
When the internal temperature exceeds the set threshold, the OTP protection is triggered.
STWBC86
Chip reset pin
DS14079 - Rev 1
page 11/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com