Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86JR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STWBC86JR
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86JR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STWBC86JR Datasheet HTML 25Page - STMicroelectronics STWBC86JR Datasheet HTML 26Page - STMicroelectronics STWBC86JR Datasheet HTML 27Page - STMicroelectronics STWBC86JR Datasheet HTML 28Page - STMicroelectronics STWBC86JR Datasheet HTML 29Page - STMicroelectronics STWBC86JR Datasheet HTML 30Page - STMicroelectronics STWBC86JR Datasheet HTML 31Page - STMicroelectronics STWBC86JR Datasheet HTML 32Page - STMicroelectronics STWBC86JR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Component
Value
Manufacturer
Part Number
Notes
CSER
100nF/50V
4x GRM31C5C1H104JA01L
Series resonant capacitor
CBOOT1,
CBOOT2
47nF/50V
Murata
GRM155R61H473JA01D
Boot strap capacitor
CV5V0
4.7uF/50V
Murata
GRM155R61A475KE15
V5V0 filtering capacitor
CV18
1µF/25V
Murata
GRM155R61E105KE11D
V1V8 filtering capacitor
CINV
10µF/25V
Murata
3x GRM188R61E106MA73D
VINV filter capacitor, rating depending
on application
CIN
10µF/25V
Murata
2x GRM188R61E106MA73D
INPUT filter capacitor, rating depending
on application
Z1,2
TVS
Littlefuse
SMAJ22CA
TVS protection diodes
RHS,RNTC
30K,100K
Optional
RFLT1,2,3
5K1,220K,10K
ASK demod filter resistors
D1
Rohm
1N4448HLP
ASK demod circuit
CFLT1,2,3
2x10nF,22nF,680pF
ASK demod filter capacitors
R1,R2,R3,R4
10K,10K,560K,47K
Ring node detection circuit
C1,C2
-
Ring node detection circuit
Note:
All of the components listed above refer to a typical application. Operation in the application may be limited by a
choice of these external components (voltage ratings, current and power dissipation capability, etc.)
STWBC86
Reference application
DS14079 - Rev 1
page 29/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com