Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86JR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STWBC86JR
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86JR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STWBC86JR Datasheet HTML 26Page - STMicroelectronics STWBC86JR Datasheet HTML 27Page - STMicroelectronics STWBC86JR Datasheet HTML 28Page - STMicroelectronics STWBC86JR Datasheet HTML 29Page - STMicroelectronics STWBC86JR Datasheet HTML 30Page - STMicroelectronics STWBC86JR Datasheet HTML 31Page - STMicroelectronics STWBC86JR Datasheet HTML 32Page - STMicroelectronics STWBC86JR Datasheet HTML 33Page - STMicroelectronics STWBC86JR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
8.2
Reference schematic
A typical schematic of STWBC86 in a 5W BPP application is shown below.
8.3
PCB routing guidelines
1.
Auxiliary 1V8 and 5V0 LDO filtering capacitors should be placed as close to the STWBC86 as possible.
Connection traces should be short and placed in top layer. Capacitors connected directly to a GND plane.
2.
Power ground(VSSP) will carry the sum of ripple current from VINV/CINV and DC current from VIN, return
paths from LDO caps should avoid these high currents.
3.
CINV and CIN capacitors should be placed close to STWBC86.
4.
Power traces (AC1, AC2, VINV, VIN) should be kept wide enough to a sustain high current. Duplicating
these traces in inner layers is advisable wherever possible.
5.
AC1 and AC2 tracks should be routed close to each other to minimize the area of the resulting loop.
6.
Communication signals (I2C), Sensing and Input monitoring signals to be routed away from High di/dt
(AC1,AC2)switching signals , to Minimize interference.
7.
Thermal performance and grounding should be always optimized by preserving bottom layer (usually
assigned to ground) integrity.
8.4
External components selection
TX series resonant circuit components
The series capacitance Cser is an essential part of the series resonant circuit, therefore, it should show an
excellent quality factor, relatively high RMS current capability and superior capacitance stability in the frequency
range of interest.
Capacitance tolerance and stability strongly depend on the dielectric type used. COG type capacitors are
recommended for their stable performance across various temperatures and voltage levels.
STWBC86
Reference schematic
DS14079 - Rev 1
page 30/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com