Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86JR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STWBC86JR
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86JR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STWBC86JR Datasheet HTML 12Page - STMicroelectronics STWBC86JR Datasheet HTML 13Page - STMicroelectronics STWBC86JR Datasheet HTML 14Page - STMicroelectronics STWBC86JR Datasheet HTML 15Page - STMicroelectronics STWBC86JR Datasheet HTML 16Page - STMicroelectronics STWBC86JR Datasheet HTML 17Page - STMicroelectronics STWBC86JR Datasheet HTML 18Page - STMicroelectronics STWBC86JR Datasheet HTML 19Page - STMicroelectronics STWBC86JR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Address
Register name
R/W
Default
Description
0x002C
System error
1: FTP IP error detected
R
-
Bit 4: FTP Boot error
R
-
Bit [9..8] FTP PE error
0: No error
1: Section header error
2: Section CRC failed
3: Reserved
R
-
Bit [11..10] FTP Configuration error
0: No error
1: Section header error
2: Section CRC failed
3: Reserved
R
-
Bit [13..12] FTP Patch error
0: No error
1: Section header error
2: Section CRC failed
3: Reserved
R
-
Bit[15..14]FTP Production Information error
0: No error
1: Section header error
2: Section CRC failed
3: Reserved
Table 8. Commands
Address
Register name
R/W
Default
Description
0x0020
TX EN
RW
-
Bit 0: Switch to TX command Write 1 to switch to Qi TX mode
Table 9. Mode monitor
Address
Register name
R/W
Default
Description
0x0040
VINV Byte 0..1
R
-
Inverter voltage in mV [7..0]
0x0041
[15..8]
0x0042
VIN Byte 0..1
R
-
Main Voltage input in mV [7..0]
0x0043
Main Voltage input in mV [15..8]
0x0044
TX ICUR Byte 0..1
R
-
Input current in mA [7..0]
0x0045
[15..8]
0x0046
TMEAS Byte 0..1
R
-
Chip temperature in deg C [7..0]
0xx0047
[15..8]
0x0048
NTC Byte 0..1
R
-
NTC measurement [7..0]
0x0049
[15..8]
0x004A
ADC IN Byte 0..1
R
-
ADC IN Measurement [7..0]
STWBC86
I2C register
map
DS14079 - Rev 1
page 16/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com