Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86JR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STWBC86JR
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86JR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STWBC86JR Datasheet HTML 21Page - STMicroelectronics STWBC86JR Datasheet HTML 22Page - STMicroelectronics STWBC86JR Datasheet HTML 23Page - STMicroelectronics STWBC86JR Datasheet HTML 24Page - STMicroelectronics STWBC86JR Datasheet HTML 25Page - STMicroelectronics STWBC86JR Datasheet HTML 26Page - STMicroelectronics STWBC86JR Datasheet HTML 27Page - STMicroelectronics STWBC86JR Datasheet HTML 28Page - STMicroelectronics STWBC86JR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Address
Register name
R/W
Default
Description
0x00CE
TX interrupt status Byte 2
R
-
Bit 6: TX DTS RCVD SUCC STAT
DTS received data successfully status
R
-
Bit7: TX DTS RCVD END TO STAT
DTS stopped receiving due to time out status
0x00CF
TX interrupt status Byte 3
Reserved
The status bits are updated at run time and they are temporarily set when corresponding interrupt event occurs.
Table 16. TX Configuration
Address
Register name
R/W
Default
Description
0x00D2
TX configuration
RW
0x2422 (148kHz)
Bits [7…0] : TX FREQ MAX
Max frequency specified in units of 16Hz
0x00D3
Bits [15..8]
0x00D4
RW
0x1ADB (110kHz)
Bits [7…0] :TX FREQ MIN
Min frequency specified in units of 16Hz
0x00D5
Bits [15…8]
0x00D6
RW
0x23A5 (146kHz)
Bits [7…0] : TX FREQ PING
Ping frequency specified in units of 16Hz
0x00D7
Bits [15…8]
0x00D8
RW
0x32 (50%)
Bits [7…0] : TX DC MAX
Max TX duty cycle %. Max value is 50. Must be >=
TX_MIN_DC
0x00D9
RW
0x14 (10%)
Bits [7…0] : TX DC MIN
Min TX duty cycle %. Must be <= TX_MAX_DC
In full bridge mode the set value is 2 times the duty
cycle.
0x00DA
RW
0x32 (50%)
Bits [7…0] :TX DC PING
Ping duty cycle in percentage
0x00DB
RW
0xC8 (2000 ms)
Bits [7…0]:TX PING INTERVAL
Interval between ping (in 10ms)
0x00DC
RW
0x50 (80 ms)
Bits [7…0] : TX PING DURATION
TX ping duration in ms.
0x00DD
RW
0x28 (20V)
Bits[7..0] : TX OVP THR
TX OVP threshold in 500mV units.
0x00DE
RW
0x14 (2A)
Bits[7..0] : TX OCP THR
TX OCP current in 100mA units.
0x00DF
RW
0x64 (100 C)
Bits[7..0]: TX OVTP THR
Over temperature protection threshold in degree C.
0x00E0
RW
0x03(96mW)
Bits [7…0]: TX PLOSS FOD THR
TX PLOSS FOD detection threshold in 32mW units. 0 -
Disable 1 - 32mW … 255 - 8160mW .
0x00E1
RW
0x04
Bits [7…0] :TX FOD DBNC CNT
Continuous PLOSS based RP de bounce count before
FOD EPT. 0 - EPT immediately.
STWBC86
I2C register
map
DS14079 - Rev 1
page 25/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com