Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86JR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STWBC86JR
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86JR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STWBC86JR Datasheet HTML 14Page - STMicroelectronics STWBC86JR Datasheet HTML 15Page - STMicroelectronics STWBC86JR Datasheet HTML 16Page - STMicroelectronics STWBC86JR Datasheet HTML 17Page - STMicroelectronics STWBC86JR Datasheet HTML 18Page - STMicroelectronics STWBC86JR Datasheet HTML 19Page - STMicroelectronics STWBC86JR Datasheet HTML 20Page - STMicroelectronics STWBC86JR Datasheet HTML 21Page - STMicroelectronics STWBC86JR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Table 12. TX Interrupt enable
Address
Register name
R/W
Default
Description
0x00C0
TX interrupt enable Byte0
RW
-
Bit 0: TX OVTP EN
Over temperature protection enable
0: disable
1: enable
RW
-
Bit 1: TX OCP EN
Over current protection enable
0: disable
1: enable
RW
-
Bit 2:TX OVP EN
Over voltage protection enable
0: disable
1: enable
RW
-
Bit 3:TX SYS ERR EN
System error enable
0: disable
1: enable
RW
-
Bit4: TX RP PKT RCVD EN
RP packet received interrupt enable
0: disable
1: enable
RW
-
Bit5: TX CE PKT RCVD EN
CE packet received interrupt enable
0: disable
1: enable
RW
-
Bit6: TX SEND PKT SUC EN
Packet sent interrupt enable
0: disable
1: enable
RW
-
Bit7: TX EXT MON EN
Ext TX Detect interrupt enable
0: disable
1: enable
0x00C1
TX interrupt enable Byte1
RW
-
Bit0: TX CEP TO EN
CEP Timeout interrupt enable
0: disable
1: enable
RW
-
Bit1: TX RPP TO EN
RPP Timeout interrupt enable
0: disable
1: enable
RW
-
Bit2: TX EPT EN
AC powered down interrupt enable
STWBC86
I2C register
map
DS14079 - Rev 1
page 18/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com