Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86JR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STWBC86JR
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86JR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STWBC86JR Datasheet HTML 13Page - STMicroelectronics STWBC86JR Datasheet HTML 14Page - STMicroelectronics STWBC86JR Datasheet HTML 15Page - STMicroelectronics STWBC86JR Datasheet HTML 16Page - STMicroelectronics STWBC86JR Datasheet HTML 17Page - STMicroelectronics STWBC86JR Datasheet HTML 18Page - STMicroelectronics STWBC86JR Datasheet HTML 19Page - STMicroelectronics STWBC86JR Datasheet HTML 20Page - STMicroelectronics STWBC86JR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Address
Register name
R/W
Default
Description
0x004B
ADC IN Byte 0..1
R
-
[15..8]
0x004C
OP FREQ
R
-
Operating frequency specified in units of 4kHz [7..0]
0x004D
[15..8]
0x006E
POWER RX Byte 0..1
R
-
RX received power in mW [7..0]
0x006F
[15..8]
0x0070
POWER TX Byte 0..1
R
-
Power transmitted to RX [7..0]
0x0071
[15..8]
0x0072
POWER RPP
R
-
Last value sent in received power packet [7..0]
0x0073
[15..8]
0x0074
RECENT CEP
R
-
Last CEP value received from RX [7..0]
0x0075
[15..8]
0x0076
SIG STREN
R
-
Signal strength measured in RX [7..0]
0x0077
[15..8]
0x00E9
OP DUTY
R
-
TX operating duty cycle in % [7..0]
Table 10. GPIO
Address
Register name
R/W
Default
Description
0x30
GPIO0 Fun
RW
-
Please refer to GPIO configuration description.
0x31
GPIO1 Fun
RW
-
0x32
GPIO2Fun
RW
-
0x33
GPIO03Fun
RW
-
0x34
GPIO04Fun
RW
-
0x35
GPIO05Fun
RW
-
0x36
GPIO06Fun
RW
-
Configured as Interrupt - INTB Pin
0x37
GPIO07Fun
RW
-
GPIO configuration - alternate functions
•
0x00: GPIO configured as Input , FLOATING (Default)
•
0x01: GPIO configured as Input , Pull up resistor to internal 1.8V.
•
0x02: GPIO configured as Input ,Pull down resistor to Internal Ground.
•
0x03: GPIO configured as Output , Open Drain (Active High)
•
0x04: GPIO configured as Output , Open Drain (Active Low)
•
0x05:GPIO configured as Interrupt pin , Open Drain output.
•
0x06: Initialization complete, FW ready.
Table 11. TX Commands
Address
Register name
R/W
Default
Description
0x00D0
RW
-
Bit0: TX EN
Enable the TX. Write 1 to start Ping
RW
-
Bit1:TX DIS
Disable the TX. Write 1 to stop the inverter and cut the power
to Rx
STWBC86
I2C register
map
DS14079 - Rev 1
page 17/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com