Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86JR Datasheet(PDF) 38 Page - STMicroelectronics

Part # STWBC86JR
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86JR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STWBC86JR Datasheet HTML 32Page - STMicroelectronics STWBC86JR Datasheet HTML 33Page - STMicroelectronics STWBC86JR Datasheet HTML 34Page - STMicroelectronics STWBC86JR Datasheet HTML 35Page - STMicroelectronics STWBC86JR Datasheet HTML 36Page - STMicroelectronics STWBC86JR Datasheet HTML 37Page - STMicroelectronics STWBC86JR Datasheet HTML 38Page - STMicroelectronics STWBC86JR Datasheet HTML 39Page - STMicroelectronics STWBC86JR Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
List of tables
Table 1.
Pin description...................................................................... 4
Table 2.
Absolute maximum ratings ............................................................. 6
Table 3.
Thermal characteristics................................................................ 6
Table 4.
Electrical characteristics ............................................................... 7
Table 5.
Register abbreviations ............................................................... 15
Table 6.
Chip information ................................................................... 15
Table 7.
System information ................................................................. 15
Table 8.
Commands ....................................................................... 16
Table 9.
Mode monitor ..................................................................... 16
Table 10.
GPIO ........................................................................... 17
Table 11.
TX Commands .................................................................... 17
Table 12.
TX Interrupt enable ................................................................. 18
Table 13.
TX Interrupt clear ................................................................... 20
Table 14.
TX interrupt latch ................................................................... 22
Table 15.
TX Interrupt status .................................................................. 23
Table 16.
TX Configuration ................................................................... 25
Table 17.
TX EPT reason .................................................................... 26
Table 18.
TX protections .................................................................... 27
Table 19.
Typical components list for a 5 W Tx application ............................................. 28
Table 20.
WLCSP72 3.264x3.674x0.6 0.4 Pitch 0.25 Ball mechanical data .................................. 34
Table 21.
Document revision history ............................................................. 36
STWBC86
List of tables
DS14079 - Rev 1
page 38/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com