Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86JR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STWBC86JR
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86JR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STWBC86JR Datasheet HTML 11Page - STMicroelectronics STWBC86JR Datasheet HTML 12Page - STMicroelectronics STWBC86JR Datasheet HTML 13Page - STMicroelectronics STWBC86JR Datasheet HTML 14Page - STMicroelectronics STWBC86JR Datasheet HTML 15Page - STMicroelectronics STWBC86JR Datasheet HTML 16Page - STMicroelectronics STWBC86JR Datasheet HTML 17Page - STMicroelectronics STWBC86JR Datasheet HTML 18Page - STMicroelectronics STWBC86JR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
7
I2C register map
The STWBC86 can be monitored and controlled by accessing the internal registers via I2C interface. The
following registers map reports the accessible addresses. Addresses not shown in the map and blank bits have to
be considered reserved and not altered as well.
Table 5. Register abbreviations
Register type
Description
R/W
can read and write the bits
R
can read only
W
can write only
Table 6. Chip information
Address
Register name
R/W
Default
Description
0x0000
Chip ID Low
R
0x56
Chip ID [7..0]
0x0001
Chip ID High
R
0x00
Chip ID [15..8]
0x0002
Chip revision
R
0x02
Chip revision [7..0]
0x0003
Customer ID
R
0x00
Customer ID [7..0]
0x0004
ROM ID
R
0x18
ROM ID [7..0]
0x0005
ROM ID
R
0x01
ROM ID [15..8]
0x0006
NVM Patch ID
R
-
NVM patch ID [7..0]
0x0007
NVM Patch ID
R
-
NVM patch ID [15..8]
0x000A
Configuration ID
R
-
Configuration ID [7..0]
0x000B
Configuration ID
R
-
Configuration ID [15..8]
0x000C
Production ID
R
0x07
PE ID [7..0]
0x000E
Operation mode
R
0x03
0x1: Standalone (debug) mode ; 0x3: Qi TX mode
0x0010 ..0
x001F
Device ID
R
-
Device ID Bytes 0 ...15
Table 7. System information
Address
Register name
R/W
Default
Description
0x0020
System command
RW
-
Bit 0: Switch to TX command
Write 1 to switch to Qi TX mode
Bit 1..7 Reserved
0x002C
System error
R
-
Bit 0: Core hard fault error
0: No hard fault error detected
1: Hard fault error detected
R
-
Bit 1: HW WDT trigger latch
0: HW WDT not triggered
1: HW WDT triggered
R
-
Bit 2: FTP IP error
0: No FTP IP error detected
STWBC86
I2C register
map
DS14079 - Rev 1
page 15/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com