Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC86JR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STWBC86JR
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86JR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STWBC86JR Datasheet HTML 19Page - STMicroelectronics STWBC86JR Datasheet HTML 20Page - STMicroelectronics STWBC86JR Datasheet HTML 21Page - STMicroelectronics STWBC86JR Datasheet HTML 22Page - STMicroelectronics STWBC86JR Datasheet HTML 23Page - STMicroelectronics STWBC86JR Datasheet HTML 24Page - STMicroelectronics STWBC86JR Datasheet HTML 25Page - STMicroelectronics STWBC86JR Datasheet HTML 26Page - STMicroelectronics STWBC86JR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Address
Register name
R/W
Default
Description
0x00C9
TX interrupt latch Byte 1
1: latch
R
-
Bit5: TX ID PKT RCVD LTCH
ID packet received interrupt latch
1: latch
R
-
Bit6: TX CFG PKT RCVD LTCH
Configuration packet received interrupt latch
1: latch
R
-
Bit7: TX PP PKT RCVD LTCH
PP packet received interrupt latch
1: latch
0x00CA
TX interrupt latch Byte 2
R
-
Bit0: TX BRIDGE MD LTCH
Bridge mode (half/full) changed interrupt latch
1: latch
R
-
Bit1: TX FOD DET LTCH
TX FOD detect interrupt latch
1: latch
R
-
Bit2: TX PPTC UPDATE LTCH
The power transfer contract is successfully updated after
negotiation/renegotiation
1: latch
R
-
Bit 3: TX DTS SUCC LTCH DTS
Send data stream successfully latch
1: latch
R
-
Bit 4: TX DTS SEND END TO LTCH
DTS stopped sending due to time out latch
1: latch
R
-
Bit 5: TX DTS SEND END RST LTCH
DTS stopped sending due to reset latch
1: latch
R
-
Bit 6: TX DTS RCVD SUCC LTCH
DTS received data successfully latch
1: latch
R
-
Bit7: TX DTS RCVD END TO LTCH
DTS stopped receiving due to time out latch
1: latch
0x00CB
TX interrupt latch Byte 3
Reserved
Table 15. TX Interrupt status
Address
Register name
R/W
Default
Description
0x00CC
TX interrupt status Byte 0
R
-
Bit 0: TX OVTP STAT
Over temperature protection status
R
-
Bit 1: TX OCP STAT
STWBC86
I2C register
map
DS14079 - Rev 1
page 23/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com