Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 22 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 18Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 19Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 20Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 21Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 22Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 23Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 24Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 25Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
Preliminary
1-16
DSP56652 Technical Data Sheet
MOTOROLA
Pin and Signal Descriptions
DSP56652 Signal Description
Chip Selects
Table 1-10
Chip Select Signals
Signal Name
Signal
Type
State
during
Reset
Signal Description
CS0
Output
Chip-
driven
Chip select 0Ñ
This signal is asserted low based on the decode of the
internal address bus bits A[31:24] and is typically used as the external
flash memory chip select. After reset, accesses using this CS have a
default of 15 wait states.
CS1ÐCS4
Output
Driven
high
Chip select 1Ðchip select 4Ñ
These signals are asserted low based
on the decode of the internal address bus bits A[31:24] of the access
address.
When not selected as chip select signals, these signals become
general purpose outputs (GPOs). After reset, these signals are
GPOs that are driven high.
CS5
Output
Driven
low
Chip select 5Ñ
This signal is asserted high based on the decode of
the internal address bus bits A[31:24] of the access address.
When not selected as a chip select signal, this signal becomes a
GPO. After reset, this signal is a GPO that is driven low.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com