Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 33 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 29Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 30Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 31Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 32Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 33Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 34Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 35Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 36Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
DSP56652
DSP56652 Signal Description
Preliminary
MOTOROLA
DSP56652 Technical Data Sheet
1-27
Normal:
MUX_CTL driven low
RTS
IC2A
Input or
Output
Input
Input
Request to sendÑ
This signal functions as the UART RTS signal.
Input compare 2 A
ÑWhen so programmed, this signal connects to
an Input Capture Timer channel.
The signal is a GPIO when not programmed as one of the above
functions. After reset, the default state for this signal is GPI.
Alternate:
MUX_CTL driven high
RESET_IN
Input
Input
Reset input
ÑThis signal is an active low Schmitt trigger input that
provides a reset signal to the internal circuitry. The input is valid if
it is asserted for at least three CKIL clock cycles.
Note:
When this signal is enabled, the primary RESET_IN signal
is disabled. (See Table 1-11 on page 1-17.)
Table 1-15
Serial Data Port (UART) Signals (Continued)
Signal Name
Signal
Type
State
during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com