Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 57 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 53Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 54Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 55Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 56Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 57Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 58Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 59Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 60Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
DSP56652
Audio Serial Codec and Baseband Serial Codec Timing
Preliminary
MOTOROLA
DSP56652 Technical Data Sheet
2-15
445
Flags input hold time after RXC
falling edge
Ñ
Ñ
7.3
0.0
Ñ
Ñ
x ck
i ck s
ns
ns
446
TXC rising edge to FST out (bl) high
Ñ
Ñ
Ñ
Ñ
35.4
18.3
x ck
i ck
ns
ns
447
TXC rising edge to FST out (bl) low
Ñ
Ñ
Ñ
Ñ
37.8
20.7
x ck
i ck
ns
ns
448
TXC rising edge to FST out (wr) high2
ÑÑ
Ñ
Ñ
37.8
20.7
x ck
i ck
ns
ns
449
TXC rising edge to FST out (wr) low2
ÑÑ
Ñ
Ñ
40.3
23.2
x ck
i ck
ns
ns
450
TXC rising edge to FST out (wl) high
Ñ
Ñ
Ñ
Ñ
36.6
19.5
x ck
i ck
ns
ns
451
TXC rising edge to FST out (wl) low
Ñ
Ñ
Ñ
Ñ
37.8
20.7
x ck
i ck
ns
ns
452
TXC rising edge to data out enable from
high impedance
ÑÑ
Ñ
Ñ
37.8
20.7
x ck
i ck
ns
ns
454
TXC rising edge to data out valid
Ñ
35 + 0.5
´ TDC Ñ
Ñ
43.5
25.6
x ck
i ck
ns
ns
455
TXC rising edge to data out high
impedance3
ÑÑ
Ñ
Ñ
37.8
19.5
x ck
i ck
ns
ns
457
FST input (bl, wr) setup time before TXC
falling edge2
Ñ
Ñ
2.0
21.0
Ñ
Ñ
x ck
i ck
ns
ns
458
FST input (wl) to data out enable from
high impedance3
Ñ
Ñ
Ñ
32.9
ns
460
FST input (wl) setup time before TXC
falling edge
Ñ
Ñ
2.0
21.0
Ñ
Ñ
x ck
i ck
ns
ns
461
FST input hold time after TXC falling
edge
Ñ
Ñ
4.0
0.0
Ñ
Ñ
x ck
i ck
ns
ns
462
Flag output valid after TXC rising edge
Ñ
Ñ
Ñ
Ñ
39.0
22.0
x ck
i ck
ns
ns
Note:
1.
For internal clock, external clock cycle is defined by ICYC and BBP/SAP control register.
2.
Word relative frame sync signal wave form, relates to clock, as the bit length frame sync signal wave
form, but spreads from one serial clock before first bit clock (same as bit length frame sync signal),
until the one before last bit clock of the first word in frame.
3.
Periodically sampled and not 100% tested
Table 2-13
SAP and BBP Timing (Continued)
Num
Characteristics
Symbol
Expression
DSP_CLK
@ 58.8
MHz
Case
Unit
Min Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com