Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 1 Page - NXP Semiconductors

  DSP56600FM/AD Datasheet HTML 1Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 2Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 3Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 4Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 5Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 6Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 7Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 8Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
DSP56652
Order this document by:
DSP56652/D
Rev 1, 1/99
©1998 MOTOROLA, INC.
Preliminary
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Advance Information
INTEGRATED CELLULAR BASEBAND PROCESSOR
Motorola designed the ROM-based DSP56652 to support the rigorous demands of the cellular
subscriber market. The high level of on-chip integration in the DSP56652 minimizes application
system design complexity and component count, resulting in very compact implementations.
This integration also yields very low-power consumption and cost-effective system
performance. The DSP56652 chip combines the power of MotorolaÕs 32-bit M¥CORE (TM)
MicroRISC Engine (MCU) and the DSP56600 digital signal processor (DSP) core with on-chip
memory, protocol timer, and custom peripherals to provide a single-chip cellular base-band
processor. Figure 1 shows the basic block diagram of the DSP56652.
Figure 1-1 DSP56652 System Block Diagram
MCU - DSP INTERFACE
X Data
RAM
MESSAGING
UNIT
Clocks
DSP PLL
MCU
OnCE
DSP
OnCE
ROM
4K x 32
Keypad
I/F
UART
Smart
Card
I/F
Queued
SPI
Serial Audio
CODEC I/F
Baseband
CODEC I/F
(7+1)K x 16
X Data
ROM
10K x 16
Y Data
ROM
10K x 16
Y Data
RAM
6K x 16
Program
RAM
512 x 24
Program
ROM
48K x 24
1K x 16
RAM
56600
DSP
MUX
M¥CORE
MicroRISC
Core
Core
Protocol
Timer
Watch
Dog
Interrupt Timer
Program
Timer/
PWM
Edge
I/O
External
Memory
RAM
512 x 32
AA1618
DSP56652
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP56600FM/AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56600FM/AD NXP-DSP56600FM/AD Datasheet
1Mb / 76P
INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
Rev 0, 6/98
More results

Similar Description - DSP56600FM/AD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
GPS BASEBAND PROCESSOR
logo
Micronas
BSP3505D MICRONAS-BSP3505D Datasheet
267Kb / 40P
Baseband Sound Processor
logo
Freescale Semiconductor...
DSP56651 FREESCALE-DSP56651 Datasheet
239Kb / 4P
INTERGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
logo
ATMEL Corporation
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
GPS Baseband Processor
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
GPS Baseband Processor
logo
CML Microcircuits
FX829 CMLMICRO-FX829 Datasheet
521Kb / 34P
Baseband Signal Processor
FX980 CMLMICRO-FX980 Datasheet
819Kb / 86P
TETRA Baseband Processor
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
Baseband Processor for Analog Cellular Telephones
logo
NXP Semiconductors
DSP56651 NXP-DSP56651 Datasheet
1Mb / 76P
INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
Rev 0, 6/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com