Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 5 Page - NXP Semiconductors

  DSP56600FM/AD Datasheet HTML 1Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 2Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 3Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 4Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 5Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 6Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 7Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 8Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
DSP56652
Target Applications
Preliminary
MOTOROLA
DSP56652 Technical Data Sheet
v
Operating Features:
¥
Comprehensive static and dynamic power management
¥
M¥CORE operating frequency: dc to 16.8 MHz at 1.8 V
¥
DSP operating frequency: dc to 58.8 MHz at 1.8 V
¥
Internal operating voltage range: 1.8Ð2.5 V with 3.3 V-tolerant I/O
¥
Operating temperature: Ð40û to 85ûC ambient
¥
Package option: 15
´ 15 mm, 196-lead PBGA
TARGET APPLICATIONS
The DSP56652 is intended for use in cellular subscriber applications and other applications
needing both DSP and control processing.
PRODUCT DOCUMENTATION
The four manuals listed in Table 1 are required for a complete description of the DSP56652 and
are necessary to design with the part properly. Documentation is available from a local Motorola
distributor, a Motorola semiconductor sales office, a Motorola Literature Distribution Center, or
the World Wide Web.
Table 1 DSP56652
Documentation
Document Name
Description of Contents
Order Number
DSP56600
Family Manual
Detailed description of the DSP56600 family core processor
architecture and instruction set
DSP56600FM/AD
M¥CORE Reference
Manual
Detailed description of the M¥CORE MCU and instruction
set
MCORERM/AD
DSP56652
UserÕs Manual
Detailed description of DSP56652 memory, peripherals,
and interfaces
DSP56652UM/D
DSP56652
Technical Data
DSP56652 pin and package descriptions; electrical and
timing specifications
DSP56652/D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com