Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 44 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 40Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 41Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 42Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 43Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 44Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 45Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 46Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 47Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
Preliminary
2-2
DSP56652 Technical Data Sheet
MOTOROLA
Specifications
Thermal characteristics
THERMAL CHARACTERISTICS
Table 2-1
Absolute Maximum Ratings (GND = 0 V)
Rating
Symbol
Value
Unit
Internal supply voltage
VCCI
Ð0.3 to +2.75
V
External supply voltage
VCCE
Ð0.3 to +3.6
V
Operating temperature range
TA
Ð40 to +85
°C
Storage temperature
TSTG
Ð55 to +125
°C
Table 2-2
Thermal Characteristics
Characteristic
Symbol
BGA Value3
Unit
Junction-to-ambient thermal resistance1
RqJA or qJA
TBD
ûC/W
Junction-to-case thermal resistance2
RqJC or qJC
TBD
ûC/W
Thermal characterization parameter
YJT
TBD
ûC/W
Notes:
1.
Junction-to-ambient thermal resistance is based on measurements on a horizontal-single-
sided printed circuit board per SEMI G38-87 in natural convection.(SEMI is Semiconductor
Equipment and Materials International, 805 East Middlefield Rd., Mountain View, CA
94043, (415) 964-5111)
2.
Junction-to-case thermal resistance is based on measurements using a cold plate per SEMI
G30-88, with the exception that the cold plate temperature is used for the case temperature.
3.
These are measured values; testing is not complete. Values were measured on a non-
standard four-layer thermal test board (two internal planes) at one watt in a horizontal
configuration.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com