Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 65 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 61Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 62Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 63Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 64Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 65Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 66Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 67Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 68Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
DSP56652
196 PBGA (GT), 15 x 15 mm, 1-mm Pitch Solder Balls
Preliminary
MOTOROLA
DSP56652 Technical Data Sheet
3-3
PBGA Package Mechanical Drawing
Figure 3-1
DSP56652 Mechanical Information, 196-pin PBGA Package
A
B
D
E
E2
D2
4X
0.2
TOP VIEW
0.3
B
A
C
0.1
C
e /2
BOTTOM VIEW
13X
196X
b
e/2
E1
D1
e
123456789 10 11 12 13 14
A
B
C
D
E
F
G
H
J
K
L
M
N
P
C
0.45 C
0.15 C
TOP VIEW
A
A1
A3
A2
DIM
MIN
MAX
MILLIMETERS
A
1.75
A1
0.27
0.47
A2
0.30
0.40
A3
0.75
0.88
b
0.35
0.65
D
15.00 BSC
D1
13.00 BSC
D2
12.00
15.00
E
15.00 BSC
E1
13.00 BSC
E2
12.00
15.00
e
1.00 BSC
NOTES:
1.
DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2.
DIMENSIONS IN MILLIMETERS.
3.
DIMENSION b IS THE SOLDER BALL
DIAMETER MEASURED PARALLEL TO
DATUM C.
CASE 1128-01
1.32
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com