Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 63 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 59Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 60Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 61Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 62Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 63Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 64Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 65Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 66Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
Preliminary
MOTOROLA
DSP56652 Technical Data Sheet
3-1
SECTION
3
PACKAGING
PACKAGE INFORMATION
This section provides information about the available packages for this product. The
DSP56652 is available in a 196-pin plastic ball grid array (PBGA) package.
The DSP56652 part (ROM-based DSP program memory) is delivered in a 15-mm
(outline) PBGA. Compatibility between the footprints of the package is maintained to
minimize impact to the customerÕs application board routing, such that the same
board can be used for both the DSP56651 and DSP56652.
196 PBGA (GT), 15 x 15 mm, 1-mm Pitch Solder Balls
The DSP56652 is offered in the JEDEC-standard, 15-mm PBGA with 1 mm pitch
solder balls. Refer to Figure 3-1 on page 3-3 and Table 3-1 for package drawing and
dimensions, respectively.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com