Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 38 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 34Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 35Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 36Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 37Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 38Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 39Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 40Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 41Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
Preliminary
1-32
DSP56652 Technical Data Sheet
MOTOROLA
Pin and Signal Descriptions
DSP56652 Signal Description
Baseband Codec Port
After reset, the default state of the baseband codec port pins is Hi-Z. For baseband
codec port signals equipped with resistors, all pull-ups and pull-downs are
automatically disconnected when the pin is an output.
SC2A
Input or
Output
Input
Audio codec serial clock 2Ñ
This signalÕs function is determined by
the SCLK mode.
¥
Synchronous modeÑtransmitter and receiver frame sync I/O
¥
Asynchronous modeÑtransmitter frame sync I/O
It is equipped with a 100k
W pull-down resistor.
This is a GPIO signal when SC2A is not being used.
Note:
This signal is disabled if the alternate SC2A function on
ROW6 is selected. (See Table 1-14 on page 1-22.)
Table 1-19
Baseband Codec Port Signals
Signal Name
Signal
Type
State
during
Reset
Signal Description
STDB
Output
Input or
Output
Input
Baseband codec transmit data
Ñ This output signal transmits serial
data from the baseband codec serial transmitter shift register. This
signal is equipped with a 100 pull-up resistor.
This is a GPIO signal when STDB is not being used.
SRDB
Input
Input or
Output
Input
Baseband codec receive data
Ñ This input signal receives serial
data and transfers the data to the baseband codec receive shift
register. This signal is equipped with a 100k
W pull-down resistor.
This is a GPIO signal when SRDB is not being used.
SCKB
Input or
Output
Input
Baseband codec serial clock
Ñ This bidirectional signal provides
the serial bit rate clock when only one clock is being used or the TxD
clock otherwise. This signal is equipped with a 100k
W pull-down
resistor. This is a GPIO signal when the serial baseband codec port
is not being used.
Table 1-18
Serial Audio Codec Port Signals (Continued)
Signal Name
Signal
Type
State
during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com