Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6572 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6572
Description  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 Datasheet(HTML) 5 Page - STMicroelectronics

  L6572 Datasheet HTML 1Page - STMicroelectronics L6572 Datasheet HTML 2Page - STMicroelectronics L6572 Datasheet HTML 3Page - STMicroelectronics L6572 Datasheet HTML 4Page - STMicroelectronics L6572 Datasheet HTML 5Page - STMicroelectronics L6572 Datasheet HTML 6Page - STMicroelectronics L6572 Datasheet HTML 7Page - STMicroelectronics L6572 Datasheet HTML 8Page - STMicroelectronics L6572 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
L6572
Pin connection
Doc ID 023882 Rev 1
5/22
2
Pin connection
Figure 3.
Pin connection
Table 1.
Pin description
Symbol
Pin
Description
TSD
1
Input voltage for dimmed operation detection. Connected to ground if unused.
RPH
2
Preheating current programming. A resistor placed between this pin and ground
defines the rated load current during the preheating phase.
RDO
3
Reduced light level current programming. A resistor placed between this pin and
ground defines the rated load current during the dimmed operation.
RNO
4
Nominal light level current programming. A resistor placed between this pin and
ground defines the rated load current during the normal operation.
RCL
5
Time base period programming.
GND
6
Reference voltage of the device.
SENSE
7
Current sense input. This pin has to be connected to a shunt resistor placed in
series with the load.
RDT
8
Deadtime programming. A resistor paced between this pin and ground allows the
deadtime to be programmed between LSG and HSG pulses in the range (1 µs to 5
µs).
VS
9
Supply voltage of the device. A bulk capacitor and an optional ceramic capacitor
must be connected between this pin and ground.
NC
LVG
RDO
HVG
OUT
BOOT
RPH
RCL
L6572
RNO
GND
TSD
VS
RDT
SENSE
AM14883v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com