Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6572 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6572
Description  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6572 Datasheet HTML 6Page - STMicroelectronics L6572 Datasheet HTML 7Page - STMicroelectronics L6572 Datasheet HTML 8Page - STMicroelectronics L6572 Datasheet HTML 9Page - STMicroelectronics L6572 Datasheet HTML 10Page - STMicroelectronics L6572 Datasheet HTML 11Page - STMicroelectronics L6572 Datasheet HTML 12Page - STMicroelectronics L6572 Datasheet HTML 13Page - STMicroelectronics L6572 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Functional description
L6572
10/22
Doc ID 023882 Rev 1
5
Functional description
5.1
Signal processing block
The resonant current is detected with a shunt resistor which delivers a voltage signal to the
SENSE pin that is related to the GND pin.
Voltages at the SENSE pin amount to approx. 400 mV(rms) during normal operation
respectively up to 10 V(peak) during ignition.
An overriding of the amplifier is given by sense voltages above ± 4.5 V.
5.2
Current regulation
This block provides the lamp current regulation. It consists of one integrator that loads an
internal capacity (Cint) with a current that is directly proportional (factor: Rint1) to the signal
at the sense input. The output of the integrator is (T1/2 stands for "LVG or HVG MOSFET"):
Equation 1
(t = 0: T1/2 switched on; t =
τ : T1/2 switched off).
The output signal of the integrator Vint is compared to the rated value (rated resonant
current) programmed by RNO, RPH or RDO depending on the operational phase; the
relevant comparator triggers the output stage block that switches off the current conducting
power transistor.
The internal capacitor Cint is reset during the deadtime of the half-bridge (programmed by
RDT).
5.3
ZVS control
Thanks to the implemented ZVS control function, the conducting transistor is switched off at
the latest when the resonant current changes its direction. Therefore, the half-bridge
operates in the inductive region of the resonance characteristics of the ballast. In the worst
case, working close to the pole frequency is allowed.
5.4
Two-step dimming
The ballast operates the lamps with nominal or reduced light output. A change between
these two operation modes is achieved by disconnecting the line voltage for a time t < tTSD.
An internal binary information cell changes its state at the end of every preheating phase.
Depending on the state of this cell, the reduced or the nominal rated resonant current is
given to the current regulation unit in order to operate the lamp with nominal or reduced light
output.
V
int
1
R
int
C
int
⋅
---------------------------
V
SENSE t
() t
d
0
τ
∫
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com