Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6572 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6572
Description  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6572 Datasheet HTML 13Page - STMicroelectronics L6572 Datasheet HTML 14Page - STMicroelectronics L6572 Datasheet HTML 15Page - STMicroelectronics L6572 Datasheet HTML 16Page - STMicroelectronics L6572 Datasheet HTML 17Page - STMicroelectronics L6572 Datasheet HTML 18Page - STMicroelectronics L6572 Datasheet HTML 19Page - STMicroelectronics L6572 Datasheet HTML 20Page - STMicroelectronics L6572 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
L6572
Application information
Doc ID 023882 Rev 1
17/22
In ideal conditions the resonant current is almost sinusoidal, having a phase term (Θ) in
respect to the voltage applied by the half-bridge. Generally, it can be written that:
Equation 2
The term "
Θ" is here expressed in radiant, but it can be expressed in terms of time.
Moreover, it is always positive as long as the operating point is above the resonance.
Equation 3
The following figure illustrates the case of operation at resonance (red line), with a small
phase, usually seen during normal operation (blue line) and finally during preheating (green
line) where a 90° phase is experienced.
Figure 8.
Operating phases
The voltage at SENSE pin has the same shape as the resonant current and is rectified and
then integrated by the current signal processor of the L6572. It can be easily demonstrated
that the integral of the rectified waveform does not depend on the initial phase (
Θ) but only
on the waveform amplitude and frequency.
Equation 4
As previously discussed, the non linear behavior of the glow discharge characteristics
makes this result quite approximate because the resonant current is not exactly sinusoidal.
Nevertheless it is more accurate during the preheating.
Therefore, suggested starting values for the application dimension are around:
I
res t
()
I
res rms
,
22
π f
sw
t
θ
–
⋅⋅
()
sin
⋅
=
I
res t
()
I
res rms
,
22
π f
sw
t2
π f
sw
⋅
–
θ
–
⋅⋅
()
sin
⋅
=
AV
SENSE
t
2I
res rms
,
R
SENSE
⋅⋅
2
π f
SW
⋅
-----------------------------------------------------------------
≅
d
T1/2on
∫
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com