Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6572 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6572
Description  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6572 Datasheet HTML 2Page - STMicroelectronics L6572 Datasheet HTML 3Page - STMicroelectronics L6572 Datasheet HTML 4Page - STMicroelectronics L6572 Datasheet HTML 5Page - STMicroelectronics L6572 Datasheet HTML 6Page - STMicroelectronics L6572 Datasheet HTML 7Page - STMicroelectronics L6572 Datasheet HTML 8Page - STMicroelectronics L6572 Datasheet HTML 9Page - STMicroelectronics L6572 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical ratings
L6572
6/22
Doc ID 023882 Rev 1
3
Electrical ratings
LVG
10
Low-side transistor driver. The gate of an N-channel MOSFET or IGBT having an
equivalent gate capacitance lower than 1 nF can be directly connected to this pin.
NC
11
Unconnected pin for creepage purpose
OUT
12
Reference voltage of the floating gate driver. To be connected to the middle point of
the half-bridge.
HVG
13
High-side transistor driver. The gate of an N-channel MOSFET or IGBT having an
equivalent gate capacitance lower than 1 nF can be directly connected to this pin.
BOOT
14
Supply voltage of the floating gate driver. A ceramic bootstrap capacitor must be
placed between this pin and OUT pin
Table 1.
Pin description (continued)
Symbol
Pin
Description
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Supply voltage
15
V
VRDT
Voltage control resistor
5
V
VRPH
VRNO
VRPB
VRCL
VSENSE
Sense input voltage
±10
V
VLVG
Low-side switch gate output
VS
V
VOUT
High-side switch source output
-2,5 to VBOOT - VS
V
VHVG
High-side switch gate output
-2,5 to VBOOT - VS
V
VBOOT
Floating supply voltage
580
V
VBOOT/OUT
Floating supply vs out voltage
VS
V
dVBOOT/dt
VBOOT slew rate (repetitive)
± 50
V/ns
dVOUT/dt
VOUT slew rate (repetitive)
± 50
V/ns
ITSD(1)
1.
The device has an internal Zener clamp between TSD and GND (typical 12.8 V)
Supply current tsd-function
1,5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com