Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6572 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6572
Description  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6572 Datasheet HTML 3Page - STMicroelectronics L6572 Datasheet HTML 4Page - STMicroelectronics L6572 Datasheet HTML 5Page - STMicroelectronics L6572 Datasheet HTML 6Page - STMicroelectronics L6572 Datasheet HTML 7Page - STMicroelectronics L6572 Datasheet HTML 8Page - STMicroelectronics L6572 Datasheet HTML 9Page - STMicroelectronics L6572 Datasheet HTML 10Page - STMicroelectronics L6572 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
L6572
Electrical ratings
Doc ID 023882 Rev 1
7/22
Table 3.
Recommended operating conditions
Symbol
Parameter
Min.
Max.
Unit
VS
Supply voltage
12
15
V
VBOOT
Floating supply voltage
-
500
V
VOUT
High-side switch source output
-1
VBOOT-VS
V
VNO, VDO
Voltages at pins Rno, Rdo
0.3
V
VPH(1)
1.
No external circuitry has to force any voltage on the pin RPH while the undervoltage lockout is activated.
Voltage on pin RPH
0.3
4.8
V
Table 4.
Thermal characteristics
Symbol
Parameter
Value
Unit
Rthj-amb
Max. thermal resistance junction-ambient
120
°C/W
TSTG
Storage temperature
-40 to 150
°C
TJ
Junction temperature
-40 to 150
°C
TAMB
Ambient temperature (operative)
-40 to 130
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com