Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6572 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6572
Description  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6572 Datasheet HTML 12Page - STMicroelectronics L6572 Datasheet HTML 13Page - STMicroelectronics L6572 Datasheet HTML 14Page - STMicroelectronics L6572 Datasheet HTML 15Page - STMicroelectronics L6572 Datasheet HTML 16Page - STMicroelectronics L6572 Datasheet HTML 17Page - STMicroelectronics L6572 Datasheet HTML 18Page - STMicroelectronics L6572 Datasheet HTML 19Page - STMicroelectronics L6572 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application information
L6572
16/22
Doc ID 023882 Rev 1
6
Application information
6.1
Target applications
The L6572 is primarily intended to accurately drive, with a minimum number of external
components, integrated compact fluorescent lamps. Its particular current control method
allows a noticeable extension of lamp lifetime and a higher light quality compared to that
obtainable by self oscillating ballasts. Also, the operation of the application during normal
operation is very similar to the above mentioned ballasts, but with an improved repeatability
of the lamp parameters (see Figure 2).
The same advantages can be exploited by separately controlled fluorescent lamp
applications, especially CFLs up to 26 W.
Using further external components, higher power ratings are also reachable.
Furthermore, dimming functionality, in particular two-step dimming, helps to implement
variable light sources.
6.2
Designing a simple fixed power CFLi application using the
L6572
The first step to follow is to define the clock frequency: it can be calculated in order to fit the
preheating time requirements. The following equations give the relationships between the
typical value of clock period, the preheating time and RCL value.
●
●
●
Given the clock frequency, the value of the resonance frequency of the LC cell must be
selected higher than the half of the clock frequency in all possible conditions. Otherwise the
ignition recognition circuitry may operate incorrectly.
●
The range of frequencies related to nominal operation and to the preheating phase can be
now selected respectively below and above FRes. Considering the operating frequency
ranges and the lamp parameters, the value for resonant components can now be selected:
different calculation approaches can be adopted.The value of the sense resistor has to be
chosen in order to guarantee a sufficient signal level for the ZCD function: at minimum the
peak of the resonant current in every condition must be above VZVS. As the reference
current of programming resistors is matched the integrator reference current, a relation
between the programming resistor value and the obtained voltage*time area (VTA) can be
expressed. These relations can be used to evaluate a first tentative value for the
programming resistors RPH, RNO and RDO. A subsequent iterative verification on the real
project is usually required: in fact, the value of the integral is highly dependent on the real
shape of the sense voltage. Deadtime duration somewhat affects the result of the integration
as well.
RCL
k
Ω
0.10327
T
PH
ms
⋅
≅
TCLμs 0.2364 RCLkΩ
⋅
≅
FCL
KHZ
1000
TCLμs
-----------------
≅
F
Res
1
2
π
LC
⋅
⋅
---------------------------------
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com