Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6572 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6572
Description  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6572 Datasheet HTML 14Page - STMicroelectronics L6572 Datasheet HTML 15Page - STMicroelectronics L6572 Datasheet HTML 16Page - STMicroelectronics L6572 Datasheet HTML 17Page - STMicroelectronics L6572 Datasheet HTML 18Page - STMicroelectronics L6572 Datasheet HTML 19Page - STMicroelectronics L6572 Datasheet HTML 20Page - STMicroelectronics L6572 Datasheet HTML 21Page - STMicroelectronics L6572 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Application information
L6572
18/22
Doc ID 023882 Rev 1
Equation 5
The second relation is also valid for dimmed operations.
A small capacitor placed in parallel with Rph (around 10 pF), helps to improve the
preheating phase.
Deadtime can also be fixed during this step.
A useful relationship to find the right value of Rdt, expressed in k
Ω, given the value of the
selected deadtime, expressed in µs is:
Equation 6
Being a non dimmable application, the RDO pin and TSD pin have to be connected to
ground. To be noted that CFLi applications up to 25 W are equipped by MOSFETs having
small gate charges: therefore no gate resistance is required and the gate pin of the
MOSFETs can be directly connected to driver output.
6.3
Two-step dimmable CFLi application
Once a fixed power application is designed, the dimmability feature can be added by
activating TSD pin and RDO.
The first pin is intended to sense the interval between AC turn-off and on, usually using only
Ra. As soon as the AC line is turned off, resonant current decreases and consequently the
half-bridge stops switching due to Tdis function. Once this occurs the supply voltage drops
below turn-off threshold.
The present voltage across the half-bridge is decreasing, but it is greater than zero keeping
the TSD structure well supplied thanks to Ra. The smaller the Ra, the longer the time the
TSD voltage remains above the dimming enable threshold and the slower the required turn-
off turn-on action to enable dimming.
If, during the turn-off interval TSD drops below the threshold, the internal memory cell is
reset, otherwise it remains in its previous state.
At subsequent turn-on, after preheating, this state is checked to determine which power
level is required.
The dimmed area is selected by Rdo: its value is expected to be lower or equal to Rno.
Frequently, the starting voltage across the half-bridge has a wide voltage ripple, and its
nominal value is variable as well. For these reasons, a precise design guidance of the
selection of Ra cannot be provided. The quickest way to proceed is represented by direct
measurements on the real application. Selection of Rdo can be done using the same
approach used to determine Rno.
R
ph k
Ω)
(
A
ph
μVs
×
()
20
⋅
≅
R
no k
Ω)
(
A
no
μVs
×
()
20
⋅
≅
R
dt
10.8
T
dt
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com