Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6572 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6572
Description  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 Datasheet(HTML) 3 Page - STMicroelectronics

  L6572 Datasheet HTML 1Page - STMicroelectronics L6572 Datasheet HTML 2Page - STMicroelectronics L6572 Datasheet HTML 3Page - STMicroelectronics L6572 Datasheet HTML 4Page - STMicroelectronics L6572 Datasheet HTML 5Page - STMicroelectronics L6572 Datasheet HTML 6Page - STMicroelectronics L6572 Datasheet HTML 7Page - STMicroelectronics L6572 Datasheet HTML 8Page - STMicroelectronics L6572 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
L6572
Description
Doc ID 023882 Rev 1
3/22
1
Description
The L6572 is a high voltage half-bridge driver for current regulation, quasi-self-oscillating
ballast.
It contains all functions that are needed to preheat the filaments, to ignite and to operate a
fluorescent lamp.
During normal operation of the lamp, the ballast operates either with the nominal or with a
reduced resonant current which results in a nominal or a reduced light output of the lamp.
A change between those two possible light outputs of the lamp is triggered by disconnecting
the mains voltage for a short time (two-step dimming). The filaments are preheated before
the lamp is re-ignited after every disconnection of the mains voltage.
A powerboost function is included to accelerate the startup behavior of the fluorescent lamp
when the junction temperature is below a defined temperature.
An undervoltage lockout is active while loading the blocking capacitor via the startup resistor
as long as the supply voltage VS is below a defined value. The bootstrap capacitor is loaded
before the high-side transistor is switched on the first time to start the oscillation of the
ballast.
The output drivers are designed to drive external N-channel power MOSFET and IGBT
(max. input capacity Cinput ≤1 nF) without any additional gate resistor.
A constant deadtime for both switches can be programmed with one external resistor.
The rated resonant current for the nominal lamp operation with nominal light output, the
dimmed operation with reduced light output and the preheating phase is defined by three
external resistors considering the shunt resistance.
The ratio XPB between the nominal rated resonant current during normal operation and the
powerboost phase is fixed internally. The time lapse is given by an internally fixed number of
load/unload-cycles of an internal capacitor.
An absolute time base, used to regulate periods and intervals, is given by the duration of a
load/unload-cycle of the internal capacitor with a load current that is defined with an external
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com