Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6572 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6572
Description  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6572 Datasheet HTML 5Page - STMicroelectronics L6572 Datasheet HTML 6Page - STMicroelectronics L6572 Datasheet HTML 7Page - STMicroelectronics L6572 Datasheet HTML 8Page - STMicroelectronics L6572 Datasheet HTML 9Page - STMicroelectronics L6572 Datasheet HTML 10Page - STMicroelectronics L6572 Datasheet HTML 11Page - STMicroelectronics L6572 Datasheet HTML 12Page - STMicroelectronics L6572 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
L6572
Electrical characteristics
Doc ID 023882 Rev 1
9/22
Figure 4.
Test signal
where:
●
Test A: starting voltage Vm = ± 465 mV, half period T = 6,67
μs (f = 75 kHz; tDT = 2,5
μs)
●
Test B: starting voltage Vm = ± 340 mV, half period T = 10,0
μs (f = 50 kHz; tDT = 2,5
μs)
●
Test C: starting voltage Vm = ± 340 mV, half period T = 12,5
μs (f = 40 kHz; tDT = 2,5
μs)
●
T measured from the falling edge of HVG (LVG) to the falling edge of LVG (HVG).
TPB
Temperature threshold for
powerboost activation
(1)
64
80
106
°C
VTSD
VTSD low voltage threshold
5.5
6.2
6.9
V
VTSD-Z
Zener voltage on TSD pin
ITSD = 600 µA (2)
11.5
12.8
14.0
V
ITSD
Current consumption TSD-function
VTSD = 11 V
30
40
50
µA
1.
Guaranteed by design.
2.
For a correct operation of the TSD function, the internal clamping diode has always to be turned on with the
minimum supply voltage of the device.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
T
tT1/2on
tDT
Vm
Aint
HVG
LVG
SENSE
AM14884v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com