Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6572 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6572
Description  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6572 Datasheet HTML 4Page - STMicroelectronics L6572 Datasheet HTML 5Page - STMicroelectronics L6572 Datasheet HTML 6Page - STMicroelectronics L6572 Datasheet HTML 7Page - STMicroelectronics L6572 Datasheet HTML 8Page - STMicroelectronics L6572 Datasheet HTML 9Page - STMicroelectronics L6572 Datasheet HTML 10Page - STMicroelectronics L6572 Datasheet HTML 11Page - STMicroelectronics L6572 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
L6572
8/22
Doc ID 023882 Rev 1
4
Electrical characteristics
(VS = 14.4 V, VBOOT - Vout = 14.4 V, TAMB = 25 °C, unless otherwise specified)
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSUVP
VS turn-ON threshold
10.1
11
11.9
V
VSUVN
VS turn-OFF threshold
7.3
8
8.7
V
VSUVH
VS hysteresis
2.7
3
3.3
V
ISU
Startup current
VS < VSUVP
160
250
µA
Iq
Quiescent current
VS > VSUVP
12
mA
IBOOTLK
BOOT pin leakage current
VBOOT = 580 V
5
µA
IOUTLK
OUT pin leakage current
VOUT = 562 V
5
µA
IHVG SO
High-side driver source current
VHVG - VOUT = 5 V
20
40
mA
IHVG SI
High-side driver sink current
VHVG - VOUT = 5 V
40
50
mA
ILVG SO
Low-side driver source current
VLVG = 5 V
20
40
mA
ILVG SI
Low-side driver sink current
VLVG = 5 V
40
50
mA
tDT
Programmable deadtime
RDT = 27 kΩ
1.95
2.50
3.05
µs
tDT
Minimum deadtime
RDT = 14 kΩ,
(1)
1µs
tDT
Maximum deadtime
RDT = 40 kΩ,
(1)
5µs
fCL
Frequency clock generator
RCL = 47 kΩ
72
90
108
kHz
fCL
Minimum frequency
RCL = 220 kΩ,
(1)
12
kHz
fCL
Maximum frequency
RCL = 22 kΩ,
(1)
250
kHz
tT1/2on
Time with T1/2 switched on during
preheating phase
RPH = 20 kΩ, RDT = 27
k
Ω testing signal: test
A
3.60
4.17
4.70
µs
tT1/2on
Time with T1/2 switched on during
normal operation
RNO = 27 k
Ω, RDT =
27 k
Ω testing signal:
test B
6.40
7.50
8.40
µs
tT1/2on
Time with T1/2 switched on during
dimmed operation
RDO = 27 k
Ω, RDT =
27 k
Ω testing signal:
test B
6.40
7.50
8.40
µs
XPB
XPB = tT1/2on(powerb) /
tT1/2on(nom)
RNO = 27 k
Ω, RDT =
27 k
Ω NO: test. signal:
test B PB: test. signal:
test C
1.24
1.34
1.42
tdisc
Time to activate UVLO when
VSENSE = VZVS
VLVG = VS
10
20
30
µs
VZVS
ZVS threshold referred to SENSE
pin
(1)
330
385
440
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com