Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80-0206-R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 80-0206-R
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80-0206-R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 80-0206-R Datasheet HTML 6Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 7Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 8Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 9Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 10Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 11Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 12Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 13Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
RSC-4128
Data Sheet
10
P/N 80-0206-R
© 2006 Sensory Inc.
ERRATA NOTE:
“Shadowing” of the “gie” flag bit in the flagsHold register is not disabled during an Interrupt
Service Routine (ISR) as intended, due to design errata.
Therefore, any operation that directly modifies the flags
register “gie” bit (mov, logic operations, arithmetic operations, CLI, STI, etc directly on the flags register) will
erroneously invoke a “shadowing” of the flags register “gie” bit in the flagsHold register.
To avoid this problem, simply store the flagsHold register in a temporary location immediately upon entering an ISR
and restore the flagsHold register from that temporary location as the final instruction before exiting the ISR.
Stack
There is a 16-level, 16-bit stack for saving the program counter for subroutine calls and interrupt requests. The
stack pointer wraps around on overflow or underflow. When the stack read and write pointers indicate that stack
overflow has occurred, the “stkoflo” bit in the “flags” register is set. Once set, this bit can only be cleared by a
processor reset. The bit may be tested by software, but it performs no other function. When the stack read and
write pointers indicate that stack is full, the “stkfull” bit in the “flags” register is set. This bit will be reset once the
stack is not full.
Stack Pointers
The 16-level stack has two 4-bit pointers, stack write and stack read. They are normally written by the processor
upon execution of a “CALL” instruction or an interrupt.
The stack also has a 6-bit index register “stkNdx” (register F6) and an 8-bit data port register “stkData” (register F7)
that are used to access the stack contents as bytes in a register file under program control. The contents of the
stack location selected by the “stkNdx” register may be read or written by the processor via MOV instructions at the
“stkData” register. The stack register index must be written first, then the stack data can be read.
The Stack read and write pointers (4 bits each) are also mapped to addresses accessible via the Stack Register
Index.
Stack contents accessed by value in stack register index (“stkNdx”, register F6)
00H
Stack0 Lo
08H
Stack4 Lo
10H
Stack8 Lo
18H
StackC Lo
01H
Stack0 Hi
09H
Stack4 Hi
11H
Stack8 Hi
19H
StackC Hi
02H
Stack1 Lo
0AH
Stack5 Lo
12H
Stack9 Lo
1AH
StackD Lo
03H
Stack1 Hi
0BH
Stack5 Hi
13H
Stack9 Hi
1BH
StackD Hi
04H
Stack2 Lo
0CH
Stack6 Lo
14H
StackA Lo
1CH
StackE Lo
05H
Stack2 Hi
0DH
Stack6 Hi
15H
StackA Hi
1DH
StackE Hi
06H
Stack3 Lo
0EH
Stack7 Lo
16H
StackB Lo
1EH
StackF Lo
07H
Stack3 Hi
0FH
Stack7 Hi
17H
StackB Hi
1FH
StacKF Hi
20-
2FH
(unused)
30-
3DH
(unused)
3EH
StackWritePtr
(4bits only)
3FH
StackReadPtr
(4bits only)
Register and User RAM
The RSC-4128 has a physical register RAM space of 896 bytes. There is an additional RAM space of 64 bytes
dedicated to Special Function Registers (SFRs), for a total register RAM space of 960 bytes.
User RAM is
assigned 262 bytes of this register RAM space, as detailed below.
Logical register space addressing is architecturally limited to 8 bits (256 bytes). Therefore a banking scheme is
used to provide the total of 960 bytes of register RAM space.
The lower 128 bytes and the top 64 bytes of
addressing are used to directly address register RAM. The remaining 64 bytes (080H-0BFH) are banked to provide
the remaining 768 bytes of register RAM space. This 768 bytes of register RAM is divided into 12 banks of 64
bytes each. The “bank” register (register FC) is combined with logical addressing to access these 12 banks. Here
is a table illustrating the breakdown of register RAM space:
000H-07FH
unbanked register RAM
080H-0BFH
banked register RAM
0C0H-0FFH
unbanked register RAM (SFRs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com