Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80-0206-R Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # 80-0206-R
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80-0206-R Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 80-0206-R Datasheet HTML 24Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 25Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 26Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 27Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 28Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 29Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 30Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 31Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
RSC-4128
Data Sheet
28
P/N 80-0206-R
© 2006 Sensory Inc.
Digital Transfer Functions
Lowpass response
Detail of passband
Attenuation
Frequency
Min
Max
Below 8 kHz
0
1.18
9.395 kHz
3 dB
20 kHz
87.82
Above 20 kHz
53
NOTE: A 1uF capacitor should be connected to AMPCOM and tied to GND, a 2.2uF should be connected to VCM
and tied to GND, and a 0.1uF capacitor should be connected to VREF and tied to GND. Failure to connect this
capacitors will substantially degrade ADC performance, and FluentChip™ technology.
A/D Conversion
The amplified signal is processed by a delta-sigma A/D converter that provides a 1-bit over-sampled digital signal.
This digital stream is filtered and decimated to produce 16-bit samples at the fixed rate of 18,636 samples per
second. The 16 bit signal will have about 12.5 bits of dynamic range, with about 10 bits above the noise level.
These samples are then provided to the RSC-4128 digital filter unit formatted as signed two’s-complement 16-bit
values. The samples are stored in the digital filter input registers “adcSampleHi” (register F5) and “adcSampleLo”
(register F4).
Note: Using the AFE for general purposes other than as intended in FluentChip™ technology modules may conflict
with FluentChip™. Such conflicts may adversely impact FluentChip™ functionality and/or the functionality of the
general purpose application. Care should be taken to avoid such conflicts. Contact Sensory Technical Support for
help in this area.
Audio Wakeup
The Audio Wakeup unit is an analog/digital circuit that can be configured to wakeup from one of four specific audio
events:
1) Two handclaps, or any two sharp, closely spaced sounds
2) Three handclaps, or any three sharp, closely spaced sounds
3) A whistle
4) Any “loud” sound above a specified amplitude, with duration options of 1 or 2 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com