Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80-0206-R Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # 80-0206-R
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80-0206-R Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button 80-0206-R Datasheet HTML 22Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 23Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 24Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 25Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 26Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 27Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 28Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 29Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
RSC-4128
Data Sheet
26
P/N 80-0206-R
© 2006 Sensory Inc.
The interrupt vector is generated as a 20-bit address. The low 16 bits are derived from the execution table above,
and the high 4 bits are selected as a normal code fetch as described in the “Memory Addressing” section.
Specifically, the “cb1” bit is not touched by the interrupt.
If the corresponding mask register bit is clear, the “irq” bit will not cause an interrupt. However, it can be polled by
reading the “irq” register.
“irq” bits can be cleared by writing a “0” to the corresponding bit at register FE (the “irq” register). “irq” bits cannot
be set by writing to register FE. Writing a “1” to that register is a NO-OP.
The “irq” bits must be cleared within the interrupt handler by an explicit write to the “irq” register rather than by an
implicit interrupt acknowledge.
PLEASE NOTE:
Clear interrupts this way –
mov irq, #bitmask
; CORRECT
Not this way –
And irq, #bitmask
; INCORRECT
The “and” instruction is not a single action. The “and” instruction is a read-modify-write action. If an interrupt
occurs during an “and irq” operation the interrupt will be cleared before it is seen, possibly disabling the interrupt
until the system is reset. Because one cannot directly set or clear bits in the “irq” register, use “mov irq” as a safe
and effective single action to clear bits in the “irq” register. Use it the way you would use an “and” instruction to
operate on other registers.
NOTE: Bit2 and Bit5 of the “irq” register should always be written as “1” when clearing other “irq” bits, to avoid
conflicts with the Technology code use of these bits.
In Idle mode, Timer2 continues to operate even when the rest of the RSC-4128 is powered-down. An overflow
from Timer2 will set the corresponding “irq” flag even when there is no clock input to the processor. Note that the
Timer2 “irq” bit (register FE.Bit1) must be cleared prior to powering down to allow the wakeup interrupt request to
occur. This may also lead to normal interrupt processing once the processor is active, if the Timer 2 “imr” bit is set
(register FD.Bit1). This interrupt response is unique from, and may be in addition to, the T2 Wakeup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com