Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80-0206-R Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # 80-0206-R
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80-0206-R Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 80-0206-R Datasheet HTML 25Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 26Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 27Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 28Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 29Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 30Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 31Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 32Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Data Sheet
RSC-4128
29
P/N 80-0206-R
© 2006 Sensory Inc.
Because it is intended to “listen” continuously at very low power levels, the Audio Wakeup unit must detect each of
these events without any processor interaction. The processor configures and enables the unit under program
control before going into Idle mode. Audio Wakeup is not available in Sleep mode because the unit requires the
CLK2 signal. The detection signal from the Audio Wakeup unit can trigger a wakeup event, which starts the
processor and allows further audio processing. The processor inputs to the Audio Wakeup are an enable signal and
control signals to select for which sound to listen. See schematic 1-3 for details on this implementation.
Schematic 1-3
D2
1N4148
C9
.01
R2
1.8K
C5
220uF
C2
2.2uF
C8
3300pF
NOTE 2
R1
270
(Px.n is any available port
I/O pin)
D3
1N4148
C10
.01
Px.n
Vdd
R1
270
NOTE 3
AVdd
C6
.047
Example using one
microphone for normal
operation only
C4
.1
D2
1N4148
NOTE 4
RSC-4x
C1
.1
C5
220uF
C11
.01
D4
1N4148
Px.n
NOTE 6
AVdd
NOTE 7
NOTE 6
MK1
MICROPHONE
1
2
NOTE 7
Recommended
RSC-4x
Vdd
C7
.1
R3
510
NOTE 2
C6
.1
C2
2.2uF
C3
1uF
C1
.1
NOTE 3
BT1
3V
NOTES:
1. Optional. This capacitor MAY reduce noise
coupled into the
mic input on a noisy PCB.
2. If used, this capacitor MUST be placed
close to the
RSC-4128 AGND and MIC1IN pads.
3. Place close to MICIN1.
4. These capacitors may be used to reduce high frequency
response. The tradeoff is reduced amplitude.
5. For reducing system ESD susceptibility.
6. Typical value. Refer to Sensory Design Note 80-0259
"Selecting a Microphone" to determine proper value for your
application
7. SETTING RESISTOR AND CAPACITOR VALUES IN THE MICROPHONE
POWER LINE FILTER CIRCUIT:
The capacitor value should be between 220 and 30 ufd.
The resistor value should be between 300 and 2000 ohms.
Within these ranges;
Select the largest capacitor consistent with other
constraints (cost, size,etc.)
For this capacitor, select a resistor such that the RC
time constant is ~60msec.
* Refer to Sensory Design Note 80-0073 "Speech Recognition
Hardware Design" for information on proper microphone
selection and housing design, PCB layout, as well as test and
evaluation procedures to verify proper design and operation.
* Sensory offers a FREE Design Review Service. Detatils of
this service are also included in 80-0073.
C8
.1
C7
.1
R3
510
D1
1N4148
NOTE 5
Recommended
AVdd
R2
1.8K
Vdd
D1
1N4148
NOTE 5
NOTE 7
Example using one microphone for
both Audio Wakeup and normal
operation
C9
3300pF
NOTE 1
MK1
MICROPHONE
1
2
C4
.1
NOTE 7
R4
510
NOTE 1
C3
1uF
(Px.n is any available port
I/O pin)
The RSC-4128 FluentChip™ library contains routines for detecting each of the four audio events listed above.
These routines also manage powerdown appropriately. See the “FluentChip™ Technology Library Manual” for
reference code to invoke these routines.
Microphones
A single electret microphone may be used both for the analog front-end input (for recognition purposes) and as the
sound source for the Audio Wakeup unit. The current consumption and frequency response requirements are
different for the two uses, so two microphone input pads are provided: MICIN1 for the normal recognition input to
the analog front-end, and MICIN2 for the Audio Wakeup analog front end. A common microphone ground is used
for both the normal recognition analog front-end and the Audio Wakeup analog front end.
During normal recognition and Audio Wakeup operation, the microphone would typically be powered from a source
with an impedance in the range of 1-3 Kohms. If both the normal recognition and Audio Wakeup front ends are
used, they must be isolated from each other by capacitors and may share one microphone and microphone bias
circuit. The switching of the microphone input source is under program control.
See schematic 1-3 for details on
this implementation.
The recommended value for the microphone filter capacitor (labeled “C5” in Schematic 1-3) is in the range of 33uF-
220uF. Using a capacitor at the upper end of this range will reduce low frequency noise. Low frequency noise on
the microphone input typically won’t affect recognition, but could affect the quality of speech playback when using
Record and Playback technology in an application. (see the “FluentChip™ Technology Library Manual” for more
information on Record and Playback) Typical low frequency noise sources include 60 Hz hum, “motor boating” or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com