Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80-0206-R Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 80-0206-R
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80-0206-R Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 80-0206-R Datasheet HTML 12Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 13Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 14Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 15Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 16Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 17Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 18Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 19Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
RSC-4128
Data Sheet
16
P/N 80-0206-R
© 2006 Sensory Inc.
The programming of the Extended Addressing Register (“extAdd”) is independent of whether the ROM is external
or internal. That is, an external ROM mirrors an internal ROM exactly. This allows products to be developed with
external ROM and masked with the same binary in an internal ROM part.
Note: Unlike the RSC-3x, the last 256 bytes of Data Space are not allocated for internal processor functions. All
internal processor functions are mapped to the SFR area of Register space, leaving all Data space addresses
potentially accessible as external memory.
There are 8 data bus lines. These pins are bi-directional: they are normally inputs except when there is an external
write to Code Space or Data Space. These pins, D[7:0], have weak pull-up devices (~100K ohm) to keep them
from floating when no device is driving the data bus.
External Memory Interface Control Signals
There are 4 active low read/write strobes for reading from and writing to external Constant/Code Space or Data
Space:
-RDR, -WRC, -RDF, -WRD. To support cost effective software development for large memory spaces
the external memory strobes are different from earlier RSC chips. The –RDR signal replaces the previous –RDC
signal and the –RDF signal replaces the previous –RDD signal. The –XM pin replaces the previous –XML and
–XMH pins on earlier RSC devices. The –WRC signal and the –WRD signal are the same as in previous RSC
chips. (See “DC Characteristics” section for electrical characteristics.)
The 20-bit extended address for a memory-reference instruction or a code fetch may be directed to the internal
ROM, or it may be directed to an external ROM or flash. The address is always an external address if:
1) the instruction is MOVX read and the “rw” bit is set, or
2) the instruction is MOVX write, or
3) the –XM pin is low, or
4) the instruction is a MOVC write
Otherwise the address is internal.
The –XM pin is an active low input pin that disables internal ROM when pulled low, and forces the use of external
memory for Constant/Code Space.
Write accesses to Constant/Code Space (MOVC write; –WRC active) are
always directed off-chip. The -XM pin has a weak pull-up device (~10K ohm) to enable the internal ROM when no
connection is made to this pin. At the end of reset -XM is sampled and, if pulled low externally, the internal 10K
ohm pull-up device is disabled.
The –RDR signal goes low when the –XM pin is held low and either
1) the chip executes an instruction fetch, or
2) the chip executes a MOVC read instruction, or
3) the chip executes a MOVX read instruction and the “rw” bit is zero.
This active low signal is used to enable an external ROM or other external memory containing both executable
code and fixed, read-only data.
The –RDF signal goes low when the chip executes a MOVX read instruction and the “rw” bit is set to 1. This active
low signal is used to read an external flash or other external memory that is used solely for the purpose of Data
Space, either read-only fixed data or read-write dynamic data.
The –WRD signal goes low when the processor executes a MOVX write instruction. The –WRC signal goes low
when the processor executes a MOVC write instruction. These signals do not depend on the contents of the
Extended Address Register or the –XM signal, since a write by definition cannot be done to internal ROM. See the
diagram below for a visual representation of the read and write configurations for internal and external addressing:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com