Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80-0206-R Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # 80-0206-R
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80-0206-R Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button 80-0206-R Datasheet HTML 23Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 24Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 25Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 26Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 27Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 28Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 29Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 30Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Data Sheet
RSC-4128
27
P/N 80-0206-R
© 2006 Sensory Inc.
Analog Input
The analog front end (AFE) for the RSC-4128 consists of a preamplifier with gain control, a 16-bit analog-to-digital
converter, digital decimator and channel filters, and associated references. A single analog input can be processed
through the AFE. All of this circuitry can be powered down to conserve battery life by programming register EF.Bit0
to “0”. Setting this bit to “1” powers up the circuitry, requiring a settling time of approximately 10milliseconds.
The analog front end (AFE) performs analog to digital conversions on a low-level signals, which may be derived
from an electret microphone. The microphone signal is amplified by a preamp that provides four levels of gain,
which are selected by programming register D5.Bits[4:3].
Full-scale output for the four settings corresponds to
input signals of 100, 50, 25, and 12.5 millivolts Vpeak-peak, as shown in the table below.
Gain
Input Referred
Noise
Max Input Signal
“sysCtl”
Bits[4:3]
µVrms
mVp-p
mVrms
00
5.2*
100
35.4
01
4.9*
50
17.7
10
4.6*
25
8.8
11
4.4
12.5
4.4
Input signals higher than specified will produce a saturated full scale output with no wrap around. A line level audio
input must be attenuated to the range shown above for use with the AFE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com