Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80-0206-R Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 80-0206-R
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80-0206-R Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 80-0206-R Datasheet HTML 15Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 16Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 17Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 18Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 19Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 20Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 21Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 22Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Data Sheet
RSC-4128
19
P/N 80-0206-R
© 2006 Sensory Inc.
On-Chip ROM
The RSC-4128 includes integrated on-chip ROM. This ROM is enabled when the –XM pin is tied , or pulled high by
it’s own internal pullup resistor. This ROM space can combine both Code and Data.
ROM code Security Feature
The RSC-4128 has only one external memory enable pin (-XM), designed to prevent configuring code space for
both internal and external memory. This discourages executing external code that reads internal code via the
MOVC instruction and dumps it externally.
In this way, a substantial measure of security is provided for the
developer’s application code.
Oscillators
Two independent oscillators in the RSC-4128 provide a high-frequency oscillator (OSC1), and a 32 KHz time-
keeping and power-saving oscillator (OSC2). The oscillator characteristics are:
OSC
FREQ
PLL PINS
SOURCES
1
3.58 MHz 4X
XI1
XO1
Crystal
Ceramic resonator
LC
2
32768 Hz N/A
XI2
XO2
Crystal
Internal RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com