Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80-0206-R Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # 80-0206-R
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80-0206-R Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 80-0206-R Datasheet HTML 13Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 14Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 15Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 16Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 17Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 18Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 19Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 20Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Data Sheet
RSC-4128
17
P/N 80-0206-R
© 2006 Sensory Inc.
Memory Map Diagram
Data
Data Space
000000H
0FFFFFH
Read: MOVX (-RDF),
if D2.4 = 1
Write: MOVX (-WRD),
always
Codebank 0 and/or
Constants (Const)
Codebank 1 and/or
Constants (Const)
Constants (Const)
Code/Constant (Const) Space
-XM = 0
000000H
00FFFFH
010000H
01FFFFH
0FFFFFH
Read: MOVX (-RDR),
if D2.4 = 0
Write: None
Read: MOVC (-RDR)
Write: MOVC (-WRC)
Codebank 0 and/or
Constants (Const)
Codebank 1 and/or
Constants (Const)
N/A
Code/Constant (Const) Space
-XM = 1
000000H
00FFFFH
010000H
01FFFFH
0FFFFFH
Read: MOVX (-RDR),
if D2.4 = 0
Write: None
Read: MOVC (-RDR)
Write: MOVC (-WRC)
External Memory Interface during Reset
While the Reset pin is active A[19:0] are driven low and -RDR, -WRC, -RDF and –WRD are driven high. D[7:0] are
configured as inputs pulled up by 100Kohm internal resistors.
External Memory Interface during Powerdown
The external memory interface (A[19:0], D[7:0], -RDR, -WRC, -RDF and –WRD) automatically goes into a high-Z
state and is pulled up by a 100 Kohm internal resistor when the “pdn” bit is set, to conserve current.
One output, PDN, is active high when RSC-4128 is powered-down. This pin can be connected to the (active low)
chip enable pins of external memory devices to reduce power consumption during RSC-4128 power-down.
Wait States
General control of wait states is managed by register FC.Bits[7:5] (“bank” register). These bits are set to a value of
7 on reset, defaulting to slower memory. An initialization routine may be used to configure for faster memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com