Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80-0206-R Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # 80-0206-R
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80-0206-R Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button 80-0206-R Datasheet HTML 27Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 28Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 29Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 30Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 31Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 32Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 33Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 34Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Data Sheet
RSC-4128
31
P/N 80-0206-R
© 2006 Sensory Inc.
Full-Scale Mode (Output range 0v to Vdd- 1 LSB)
Decimal
DAC hold
Analog Cntrl
Digital input
Analog Voltage output
Equivalent
reg[7:0] (hex)
[5:4] (binary)
General
0-3V (approx)
-512
80H
00
000H
0V
0.000V
-511
80H
01
001H
0V+ 1 LSB
0.003V
-510
80H
10
002H
0.006V
-509
80H
11
003H
0.009V
-508
81H
00
004H
0.012V
-2
FFH
10
1FEH
-1
FFH
11
1FFH
Vdd/2- 1 LSB
1.497V
0
00H
00
200H
Vdd/2
1.500V
+1
00H
01
201H
Vdd/2+ 1LSB
1.503V
+2
00H
10
202H
+3
00H
11
203H
+4
01H
00
204H
+510
7FH
10
3FEH
2.994V
+511
7FH
11
3FFH
Vdd- 1LSB
2.997V
The translation in Full-Scale mode is:
R2R[9] = dac[7] inverted
R2R[8:2] = dac[6:0]
R2R[1:0] = anCtl[5:4]
Half-Scale Mode (Output range Vdd/4 to 3Vdd/4- 1 LSB)
Decimal
DAC hold
Analog Cntrl
Digital Input
Analog Voltage output
Equivalent
reg[7:0] (hex)
[5:4] (binary)
General
0-3V (approx)
-256
80H
0x
100H
Vdd/4
0.750V
-255
80H
1x
101H
Vdd/4+ 1 LSB
0.753V
-254
81H
0x
102H
0.756V
-253
81H
1x
103H
0.759V
-252
82H
0x
104H
0.762V
-2
FFH
0x
1FEH
-1
FFH
1x
1FFH
Vdd/2- 1LSB
1.497V
0
00H
0x
200H
Vdd/2
1.500V
+1
00H
1x
201H
Vdd/2+ 1LSB
1.503V
+2
01H
0x
202H
+3
01H
1x
203H
+4
02H
0x
204H
+254
7FH
0x
2FEH
2.244V
+255
7FH
1x
2FFH
3Vdd/4-1 LSB
2.247V
The translation in Half-Scale mode is:
R2R[9] = dac[7] inverted
R2R[8:1] = dac[7:0]
R2R[0] = anCtl[5]
DAC Power Control
The DAC has no explicit power control. It is turned off (placed into lowest current mode) by loading the value 80H
into the DAC hold register, and 0 into the LSB1 and LSB0 bits of the Analog Control Register (register EF.Bits[5:4]).
Note: register EF.Bit7 (“-anCtl” must be “0” in the value being written to register EF, when writing
EF.Bits[5:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com