Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80-0206-R Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # 80-0206-R
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80-0206-R Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button 80-0206-R Datasheet HTML 33Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 34Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 35Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 36Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 37Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 38Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 39Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 40Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Data Sheet
RSC-4128
37
P/N 80-0206-R
© 2006 Sensory Inc.
Instruction Opcode Operand 1 Operand 2 Description
Bytes
Cycles +Cycles/Waitstate
AND
40
dest
source
logical and
3
6
3
TM
41
dest
source
like AND, destination
register unchanged
3
6
3
OR
42
dest
source
logical or
3
6
3
XOR
43
dest
source
exclusive or
3
6
3
SUB
44
dest
source
subtract
3
6
3
CP
45
dest
source
like SUB, destination
register unchanged
3
6
3
SUBC
46
dest
source
subtract w/carry
3
6
3
ADD
47
dest
source
add
3
6
3
ADC
48
dest
source
add w/carry
3
6
3
INC
49
dest
-
increment
2
5
2
DEC
4A
dest
-
decrement
2
5
2
AND
50
dest
#immed
logical and
3
5
3
TM
51
dest
#immed
like AND, destination
register unchanged
3
5
3
OR
52
dest
#immed
logical or
3
5
3
XOR
53
dest
#immed
exclusive or
3
5
3
SUB
54
dest
#immed
subtract
3
5
3
CP
55
dest
#immed
like SUB, destination
register unchanged
3
5
3
SUBC
56
dest
#immed
subtract w/carry
3
5
3
ADD
57
dest
#immed
add
3
5
3
ADC
58
dest
#immed
add w/carry
3
5
3
INCD
69
dest_pair &
source_pair
-
register pair 16-bit
increment
2
8
2
CPD
66
dest_pair
source_pair 16-bit compare
3
10
3
MISCELLANEOUS Group Instructions
Instruction Opcode Operand 1 Operand 2 Description
Bytes
Cycles +Cycles/Waitstate
NOP
00
-
-
no operation
1
2
1
CLC
01
-
-
clear carry
1
2
1
STC
02
-
-
set carry
1
2
1
CMC
03
-
-
complement carry
1
2
1
CLI
04
-
-
disable interrupts
1
2
1
STI
05
-
-
enable interrupts
1
2
1
WDC
06
-
-
enable/restart Watchdog
timer
1
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com