Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MC68331 Datasheet HTML 14Page - NXP Semiconductors MC68331 Datasheet HTML 15Page - NXP Semiconductors MC68331 Datasheet HTML 16Page - NXP Semiconductors MC68331 Datasheet HTML 17Page - NXP Semiconductors MC68331 Datasheet HTML 18Page - NXP Semiconductors MC68331 Datasheet HTML 19Page - NXP Semiconductors MC68331 Datasheet HTML 20Page - NXP Semiconductors MC68331 Datasheet HTML 21Page - NXP Semiconductors MC68331 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
MC68L300EC16/D
Figure 15 ECLK Timing Diagram
NOTES:
1. All AC timing is shown with respect to 20% VDD and 70% VDD levels unless otherwise noted.
2. When previous bus cycle is not an ECLK cycle, the address may be valid before ECLK goes low.
3. Address access time = tEcyc – tEAD – tEDSR.
4. Chip select access time = tEcyc – tECSD – tEDSR.
Table 8 ECLK Bus Timing
(V
DD
and V
DDSYN
= 3.0 to 3.6Vdc, V
SS
= 0 Vdc, T
A
= T
L
to T
H
)1
Num
Characteristic
Symbol
Min
Max
Unit
E1
ECLK Low to Address Valid2
tEAD
—60
ns
E2
ECLK Low to Address Hold
tEAH
15
—
ns
E3
ECLK Low to CS Valid (CS Delay)
tECSD
—
150
ns
E4
ECLK Low to CS Hold
tECSH
15
—
ns
E5
CS Negated Width
tECSN
30
—
ns
E6
Read Data Setup Time
tEDSR
30
—
ns
E7
Read Data Hold Time
tEDHR
5—
ns
E8
ECLK Low to Data High Impedance
tEDHZ
—60
ns
E9
CS Negated to Data Hold (Read)
tECDH
0—
ns
E10
CS Negated to Data High Impedance
tECDZ
—1
tcyc
E11
ECLK Low to Data Valid (Write)
tEDDW
—2
tcyc
E12
ECLK Low to Data Hold (Write)
tEDHW
15
—
ns
E13
Address Access Time (Read)3
tEACC
386
—
ns
E14
Chip-Select Access Time (Read)4
tEACS
296
—
ns
E15
Address Setup Time
tEAS
1/2
—
tcyc
68300 E CYCLE TIM
CLKOUT
ADDR[23:0]
CS
ECLK
DATA[15:0]
E1
2A
3A
E2
E5
E4
E3
E9
E7
E8
E10
E12
E14
E13
1A
DATA[15:0]
E15
E11
WRITE
READ
WRITE
E6
R/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com