Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 5 Page - NXP Semiconductors

  MC68331 Datasheet HTML 1Page - NXP Semiconductors MC68331 Datasheet HTML 2Page - NXP Semiconductors MC68331 Datasheet HTML 3Page - NXP Semiconductors MC68331 Datasheet HTML 4Page - NXP Semiconductors MC68331 Datasheet HTML 5Page - NXP Semiconductors MC68331 Datasheet HTML 6Page - NXP Semiconductors MC68331 Datasheet HTML 7Page - NXP Semiconductors MC68331 Datasheet HTML 8Page - NXP Semiconductors MC68331 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
MC68L300EC16/D
5
Table 5 16.78 MHz DC Characteristics
(V
DD
and V
DDSYN
= 3.0 to 3.6Vdc, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
Num
Characteristic
Symbol
Min
Max
Unit
1
Input High Voltage
VIH
0.7 (VDD)VDD + 0.3
V
2
Input Low Voltage
VIL
VSS – 0.3
0.2 (VDD)V
3
Input Hysteresis1
VHYS
0.5
—
V
4
Input Leakage Current 2
Vin = VDD or VSS
Input-only pins
Iin
–2.5
2.5
µA
5
High Impedance (Off-State) Leakage Current2
Vin = VDD or VSS
All input/output and output pins
IOZ
–2.5
2.5
µA
6
CMOS Output High Voltage2, 3
IOH = –10.0 µA
Group 1, 2, 4 input/output and all output pins
VOH
VDD –0.2
—
V
7
CMOS Output Low Voltage2
IOL = 10.0 µA
Group 1, 2, 4 input/output and all output pins
VOL
—
0.2
V
8
Output High Voltage2, 3
IOH = –0.4 mA
Group 1, 2, 4 input/output and all output pins
VOH
VDD –0.5
—
V
9
Output Low Voltage2
IOL = 0.8 mA Group 1 I/O pins CLKOUT, FREEZE/QUOT,
IPIPE/DSO
IOL = 2.6 mA Group 2 and group 4 I/O pins, CSBOOT, BG/CS1
IOL = 6.0 mA Group 3
VOL
—
—
—
0.4
0.4
0.4
V
10
Three State Control Input High Voltage
VIHTSC
2.4 (VDD)
9.1
V
11
Data Bus Mode Select Pull-up Current 4
Vin = VIL
Vin = VIH
IMSP
—
–8
–95
—
µA
12A
MC68331 VDD Supply Current5
Run
LPSTOP, external clock input = max fsys
IDD
—
—
49
2
mA
mA
12B
MC68332 VDD Supply Current5
Run
LPSTOP, external clock input = max fsys
IDD
—
—
56
2
mA
mA
13
Clock Synthesizer Operating Voltage
VDDSYN
3.0
3.6
V
14
VDDSYN Supply Current
External Clock, maximum fsys
IDDSYN
—
3mA
15
MC68332 RAM Standby Voltage
Specified VDD applied
VDD = VSS
VSB
0.0
2.7
VDD
3.6
V
16
MC68332 RAM Standby Current6, 7
Normal RAM operation
V
DD
> V
SB
– 0.5 V
Transient condition
V
SB
– 0.5 V
≥ V
DD
≥ V
SS
+
0.5 V
Standby operation
V
DD
< V
SS
+
0.5 V
ISB
—
—
—
10
3
50
µA
mA
µA
17A
MC68331 Power Dissipation8
PD
—
187
mW
17B
MC68332 Power Dissipation
PD
—
212
mW
18
Input Capacitance2, 9
All input-only pins
All input/output pins
Cin
—
—
10
20
pF
19
Load Capacitance2
Group 1 I/O Pins, CLKOUT, FREEZE/QUOT, IPIPE
Group 2 I/O Pins and CSBOOT, BG/CS
Group 3 I/O Pins
Group 4 I/O Pins
CL
—
—
—
—
90
100
100
100
pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com