Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MC68331 Datasheet HTML 17Page - NXP Semiconductors MC68331 Datasheet HTML 18Page - NXP Semiconductors MC68331 Datasheet HTML 19Page - NXP Semiconductors MC68331 Datasheet HTML 20Page - NXP Semiconductors MC68331 Datasheet HTML 21Page - NXP Semiconductors MC68331 Datasheet HTML 22Page - NXP Semiconductors MC68331 Datasheet HTML 23Page - NXP Semiconductors MC68331 Datasheet HTML 24Page - NXP Semiconductors MC68331 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
MC68L300EC16/D
21
Figure 18 QSPI Timing — Slave, CPHA = 0
Figure 19 QSPI Timing — Slave, CPHA = 1
13
10
13
7
6
8
11
9
11
12
4
13
12
3
2
5
1
DATA
LSB OUT
PD
MSB OUT
MSB IN
MSB OUT
MSB IN
DATA
LSB IN
SS
INPUT
SCK
CPOL=0
INPUT
SCK
CPOL=1
INPUT
MISO
OUTPUT
MOSI
INPUT
4
68300 QSPI SLV CPHA0
68300 QSPI SLV CPHA1
SS
INPUT
13
12
4
12
5
11
12
6
10
9
8
DATA
SLAVE
LSB OUT
PD
MSB OUT
MSB IN
DATA
LSB IN
7
4
1
2
10
PD
13
3
MISO
OUTPUT
SCK
CPOL=1
INPUT
MOSI
INPUT
SCK
CPOL=0
INPUT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com