Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MC68331 Datasheet HTML 4Page - NXP Semiconductors MC68331 Datasheet HTML 5Page - NXP Semiconductors MC68331 Datasheet HTML 6Page - NXP Semiconductors MC68331 Datasheet HTML 7Page - NXP Semiconductors MC68331 Datasheet HTML 8Page - NXP Semiconductors MC68331 Datasheet HTML 9Page - NXP Semiconductors MC68331 Datasheet HTML 10Page - NXP Semiconductors MC68331 Datasheet HTML 11Page - NXP Semiconductors MC68331 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
MC68L300EC16/D
NOTES:
1. All AC timing is shown with respect to 20% VDD and 70% VDD levels unless otherwise noted.
2. When an external clock is used, minimum high and low times are based on a 50% duty cycle. The minimum
allowable tXcyc period is reduced when the duty cycle of the external clock varies. The relationship between ex-
ternal clock input duty cycle and minimum tXcyc is expressed:
Minimum tXcyc period = minimum tXCHL / (50% – external clock input duty cycle tolerance).
3. Specification 9A is the worst-case skew between AS and DS or CS. The amount of skew depends on the relative
loading of these signals. When loads are kept within specified limits, skew will not cause AS and DS to fall outside
the limits shown in specification 9.
4. If multiple chip selects are used, CS width negated (specification 15) applies to the time from the negation of a
heavily loaded chip select to the assertion of a lightly loaded chip select. The CS width negated specification be-
tween multiple chip selects does not apply to chip selects being used for synchronous ECLK cycles.
5. Hold times are specified with respect to DS or CS on asynchronous reads and with respect to CLKOUT on fast
cycle reads. The user is free to use either hold time.
6. Maximum value is equal to (tcyc / 2) + 25 ns.
7. If the asynchronous setup time (specification 47A) requirements are satisfied, the DSACK[1:0] low to data setup
time (specification 31) and DSACK[1:0] low to BERR low setup time (specification 48) can be ignored. The data
must only satisfy the data-in to clock low setup time (specification 27) for the following clock cycle. BERR must
satisfy only the late BERR low to clock low setup time (specification 27A) for the following clock cycle.
8. To ensure coherency during every operand transfer, BG is not asserted in response to BR until after all cycles
of the current operand transfer are complete.
9. In the absence of DSACK[1:0], BERR is an asynchronous input using the asynchronous setup time (specification
47A).
10. After external RESET negation is detected, a short transition period (approximately 2) tcyc elapses, then the SIM
drives RESET low for 512 tcyc.
11. External assertion of the RESET input can overlap internally-generated resets. To insure that an external reset
is recognized in all cases, RESET must be asserted for at least 590 CLKOUT cycles.
12. External logic must pull RESET high during this period in order for normal MCU operation to begin.
46A
R/W Width Asserted (Fast Write or Read Cycle)
tRWAS
90
—
ns
47A
Asynchronous Input Setup Time
BR, BGACK, DSACK[1:0], BERR, AVEC, HALT
tAIST
5—
ns
47B
Asynchronous Input Hold Time
tAIHT
15
—
ns
48
DSACK[1:0] Asserted to BERR, HALT Asserted9
tDABA
—30
ns
53
Data Out Hold from Clock High
tDOCH
0—
ns
54
Clock High to Data Out High Impedance
tCHDH
—28
ns
55
R/W Asserted to Data Bus Impedance Change
tRADC
40
—
ns
70
Clock Low to Data Bus Driven (Show Cycle)
tSCLDD
029
ns
71
Data Setup Time to Clock Low (Show Cycle)
tSCLDS
15
—
ns
72
Data Hold from Clock Low (Show Cycle)
tSCLDH
10
—
ns
73
BKPT Input Setup Time
tBKST
15
—
ns
74
BKPT Input Hold Time
tBKHT
10
—
ns
75
Mode Select Setup Time
tMSS
20
—
tcyc
76
Mode Select Hold Time
tMSH
0—
ns
77
RESET Assertion Time10
tRSTA
4—
tcyc
78
RESET Rise Time11,12
tRSTR
—10
tcyc
Table 6 16.78 MHz AC Timing (Continued)
(V
DD
and V
DDSYN
= 3.0 to 3.6Vdc, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
1
Num
Characteristic
Symbol
Min
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com