Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 1 Page - NXP Semiconductors

  MC68331 Datasheet HTML 1Page - NXP Semiconductors MC68331 Datasheet HTML 2Page - NXP Semiconductors MC68331 Datasheet HTML 3Page - NXP Semiconductors MC68331 Datasheet HTML 4Page - NXP Semiconductors MC68331 Datasheet HTML 5Page - NXP Semiconductors MC68331 Datasheet HTML 6Page - NXP Semiconductors MC68331 Datasheet HTML 7Page - NXP Semiconductors MC68331 Datasheet HTML 8Page - NXP Semiconductors MC68331 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Order this document by
MC68L300EC16/D
MC68L300
Technical Supplement
16.78 MHz Electrical Characteristics
Devices in the M68300 Modular Microcontroller Family are built up from a selection of standard func-
tional modules. The MC68331 and MC68332 contain the same central processing unit (CPU32) and
system integration module (SIM), and thus have similar electrical characteristics.
M68300 devices that operate at 3.3 volts are now available. This publication contains electrical charac-
teristics that supplement the
MC68331 User's Manual (MC68331UM/AD) and the MC68332 User's
Manual (MC68332UM/AD).
MC68L331 and MC68L332 are currently offered for operation in external clock mode only.
Enhanced versions of the MC68331 and MC68332 will offer extended VDD operating range, PLL, 5 volt
tolerant I/O, and higher frequency.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68331

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68331 FREESCALE-MC68331 Datasheet
1Mb / 40P
Technical Supplement
logo
NXP Semiconductors
MC68331 NXP-MC68331 Datasheet
983Kb / 84P
Technical Summary 32-Bit Modular Microcontroller
Rev. 2
logo
Freescale Semiconductor...
MC68331CEH16 FREESCALE-MC68331CEH16 Datasheet
598Kb / 84P
32-Bit Modular Microcontroller
MC68331CEH25 FREESCALE-MC68331CEH25 Datasheet
598Kb / 84P
32-Bit Modular Microcontroller
More results

Similar Description - MC68331

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68L300 FREESCALE-MC68L300 Datasheet
1Mb / 32P
16.78 MHz Electrical Characteristics
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
logo
Cooper Bussmann, Inc.
170M1422 COOPER-170M1422 Datasheet
46Kb / 2P
Electrical Characteristics
logo
NXP Semiconductors
M68HC16ZEC20 NXP-M68HC16ZEC20 Datasheet
652Kb / 28P
20.97 MHz Electrical Characteristics
MC68CK331 NXP-MC68CK331 Datasheet
654Kb / 40P
16.78 MHz Electrical Characteristics
MC68HC16Z1 NXP-MC68HC16Z1 Datasheet
617Kb / 28P
17 MHz Electrical Characteristics
MC68LK332EC16 NXP-MC68LK332EC16 Datasheet
860Kb / 28P
16.78 MHz Electrical Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com