Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MC68331 Datasheet HTML 16Page - NXP Semiconductors MC68331 Datasheet HTML 17Page - NXP Semiconductors MC68331 Datasheet HTML 18Page - NXP Semiconductors MC68331 Datasheet HTML 19Page - NXP Semiconductors MC68331 Datasheet HTML 20Page - NXP Semiconductors MC68331 Datasheet HTML 21Page - NXP Semiconductors MC68331 Datasheet HTML 22Page - NXP Semiconductors MC68331 Datasheet HTML 23Page - NXP Semiconductors MC68331 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
MC68L300EC16/D
Figure 16 QSPI Timing — Master, CPHA = 0
Figure 17 QSPI Timing — Master, CPHA = 1
68300 QSPI MAST CPHA0
13
11
6
10
12
4
4
13
12
3
2
5
1
DATA
LSB IN
MSB IN
MSB OUT
MSB IN
MSB OUT
DATA
LSB OUT
PORT DATA
7
12
13
PCS[3:0]
OUTPUT
PD
MISO
INPUT
MOSI
OUTPUT
SCK
CPOL=0
OUTPUT
SCK
CPOL=1
OUTPUT
68300 QSPI MAST CPHA1
13
11
10
12
4
4
13
12
3
2
5
1
MSB
PCS[3:0]
OUTPUT
MISO
INPUT
MSB
MSB OUT
DATA
LSB OUT
PORT DATA
12
13
PORT DATA
MOSI
OUTPUT
DATA
LSB IN
MSB IN
7
6
1
SCK
CPOL=0
OUTPUT
SCK
CPOL=1
OUTPUT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com