Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MC68331 Datasheet HTML 2Page - NXP Semiconductors MC68331 Datasheet HTML 3Page - NXP Semiconductors MC68331 Datasheet HTML 4Page - NXP Semiconductors MC68331 Datasheet HTML 5Page - NXP Semiconductors MC68331 Datasheet HTML 6Page - NXP Semiconductors MC68331 Datasheet HTML 7Page - NXP Semiconductors MC68331 Datasheet HTML 8Page - NXP Semiconductors MC68331 Datasheet HTML 9Page - NXP Semiconductors MC68331 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
MC68L300EC16/D
NOTES:
1. Applies to:
QSM pins
IRQ[7:1], RESET, EXTAL, TSC, RMC, BKPT/DSCLK, IFETCH/DSI
2. Input-Only Pins: TSC, BKPT/DSCLK, RXD
Output-Only Pins: CSBOOT, BG/CS, CLKOUT, FREEZE/QUOT, IPIPE/DSO
Input/Output Pins:
Group 1: DATA[15:0], IFETCH/DSI
Group 2: ADDR[23:19]/CS[10:6], FC[2:0]/CS[5:3], DSACK[1:0], AVEC, RMC, DS, AS, SIZ[1:0]
IRQ[7:1], MODCLK, ADDR[18:0], R/W, BERR, BR/CS0, BGACK/CS2, PCS[3:1], PCS0/SS, TXD
Group 3: HALT, RESET
Group 4: MISO, MOSI, SCK
3. Does not apply to HALT and RESET because they are open drain pins.
Does not apply to Port QS[7:0] (TXD, PCS[3:1], PCS0/SS, SCK, MOSI, MISO) in wired-OR mode.
4. Current measured at maximum system clock frequency.
5. Total operating current is the sum of the appropriate VDD supply and VDDSYN supply current.
6. When VSB is more than 0.3V greater than VDD, current flows between the VSTBY and VDD pins, which causes
standby current to increase toward the maximum condition specification. System noise on the VDD and VSTBY
pin can contribute to this condition.
7. The SRAM module will not switch into standby mode as long as VSB does not exceed VDD by more than 0.5
volts. The SRAM array cannot be accessed while the module is in standby mode.
8. Power dissipation measured at specified system clock frequency. Power dissipation can be calculated using the
expression:
PD = 3.6V (IDDSYN + IDD)
9. Input capacitance is periodically sampled rather than 100% tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com