Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 4 Page - NXP Semiconductors

  MC68331 Datasheet HTML 1Page - NXP Semiconductors MC68331 Datasheet HTML 2Page - NXP Semiconductors MC68331 Datasheet HTML 3Page - NXP Semiconductors MC68331 Datasheet HTML 4Page - NXP Semiconductors MC68331 Datasheet HTML 5Page - NXP Semiconductors MC68331 Datasheet HTML 6Page - NXP Semiconductors MC68331 Datasheet HTML 7Page - NXP Semiconductors MC68331 Datasheet HTML 8Page - NXP Semiconductors MC68331 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
MC68L300EC16/D
Table 3 MC68L332 Typical Ratings
Num
Rating
Symbol
Value
Unit
1
Supply Voltage
VDD
3.3
V
2
Operating Temperature
TA
25
°C
3
VDD Supply Current
RUN
LPSTOP, External clock, max fsys
IDD
45
1.0
mA
mA
4
Clock Synthesizer Operating Voltage
V
DDSYN
3.3
V
5
VDDSYN Supply Current
External Clock, maximum fsys
I
DDSYN
2.0
mA
6
RAM Standby Current
Normal RAM operation
Standby operation
ISB
3.0
10
µA
µA
7
Power Dissipation
PD
148.0
mW
Table 4 Thermal Characteristics
Num
Rating
Symbol
Value
Unit
1
Thermal Resistance
Plastic 132-Pin Surface Mount
Plastic 144-Pin Surface Mount
Θ
JA
38
49
°C/W
The average chip-junction temperature (TJ) in C can be obtained from:
(1)
where:
TA = Ambient Temperature, °C
Θ
JA= Package Thermal Resistance, Junction-to-Ambient, °C/W
PD = PINT + PI/O
PINT= IDD × VDD, Watts — Chip Internal Power
PI/O= Power Dissipation on Input and Output Pins — User Determined
For most applications PI/O < PINT and can be neglected. An approximate relationship between PD and TJ (if PI/O is
neglected) is:
(2)
Solving equations 1 and 2 for K gives:
(3)
where K is a constant pertaining to the particular part. K can be determined from equation (3) by measuring PD (at
equilibrium) for a known TA. Using this value of K, the values of PD and TJ can be obtained by solving equations (1)
and (2) iteratively for any value of TA.
T
J
T
A
P
D
Θ
JA
×
()
+
=
P
D
KT
J
273
°C
+
()
÷
=
KP
D
T
A
273
°C
+
() Θ
JA
P
D
2
×
++
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com