Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MC68331 Datasheet HTML 3Page - NXP Semiconductors MC68331 Datasheet HTML 4Page - NXP Semiconductors MC68331 Datasheet HTML 5Page - NXP Semiconductors MC68331 Datasheet HTML 6Page - NXP Semiconductors MC68331 Datasheet HTML 7Page - NXP Semiconductors MC68331 Datasheet HTML 8Page - NXP Semiconductors MC68331 Datasheet HTML 9Page - NXP Semiconductors MC68331 Datasheet HTML 10Page - NXP Semiconductors MC68331 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
MC68L300EC16/D
7
Table 6 16.78 MHz AC Timing
(V
DD
and V
DDSYN
= 3.0 to 3.6Vdc, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
1
Num
Characteristic
Symbol
Min
Max
Unit
F1
Frequency of Operation
fsys
—
16.78 MHz
1
Clock Period
tcyc
59.6
—
ns
1A
ECLK Period
tEcyc
476
—
ns
1B
External Clock Input Period2
tXcyc
59.6
—
ns
2, 3
Clock Pulse Width
tCW
24
—
ns
2A, 3A ECLK Pulse Width
tECW
236
—
ns
2B, 3B External Clock Input High/Low Time2
tXCHL
29.8
—
ns
4, 5
CLKOUT Rise and Fall Time
tCrf
—7
ns
4A, 5A Rise and Fall Time (All outputs except CLKOUT)
trf
—8
ns
4B, 5B External Clock Input Rise and Fall Time
tXCrf
—4
ns
6
Clock High to ADDR, FC, RMC, SIZ Valid
tCHAV
029
ns
7
Clock High to ADDR, Data, FC, RMC,SIZ High Impedance
tCHAZx
059
ns
8
Clock High to ADDR, FC, RMC, SIZ Invalid
tCHAZn
0—
ns
9
Clock Low to AS, DS, CS Asserted
tCLSA
025
ns
9A
AS to DS or CS Asserted (Read)3
tSTSA
–15
15
ns
9C
Clock Low to IFETCH, IPIPE Asserted
tCLIA
222
ns
11
ADDR, FC, RMC, SIZ Valid to AS, CS, (and DS Read) Asserted
tAVSA
15
—
ns
12
Clock Low to AS, DS, CS Negated
tCLSN
229
ns
12A
Clock Low to IFETCH, IPIPE Negated
tCLIN
229
ns
13
AS, DS, CS Negated to ADDR, FC, SIZ Invalid (Address Hold)
tSNAI
15
—
ns
14
AS, CS (and DS Read) Width Asserted
tSWA
100
—
ns
14A
DS, CS Width Asserted (Write)
tSWAW
45
—
ns
14B
AS, CS (and DS Read) Width Asserted (Fast Cycle)
tSWDW
40
—
ns
15
AS, DS, CS Width Negated4
tSN
40
—
ns
16
Clock High to AS, DS, R/W High Impedance
tCHSZ
—59
ns
17
AS, DS, CS Negated to R/W High
tSNRN
15
—
ns
18
Clock High to R/W High
tCHRH
029
ns
20
Clock High to R/W Low
tCHRL
029
ns
21
R/W High to AS, CS Asserted
tRAAA
15
—
ns
22
R/W Low to DS, CS Asserted (Write)
tRASA
70
—
ns
23
Clock High to Data Out Valid
tCHDO
—29
ns
24
Data Out Valid to Negating Edge of AS, CS (Fast Write Cycle)
tDVASN
15
—
ns
25
DS, CS Negated to Data Out Invalid (Data Out Hold)
tSNDOI
15
—
ns
26
Data Out Valid to DS, CS Asserted (Write)
tDVSA
15
—
ns
27
Data In Valid to Clock Low (Data Setup)
tDICL
5—
ns
27A
Late BERR, HALT Asserted to Clock Low (Setup Time)
tBELCL
20
—
ns
28
AS, DS Negated to DSACK[1:0], BERR, HALT, AVEC Negated
tSNDN
080
ns
29
DS, CS Negated to Data In Invalid (Data In Hold)5
tSNDI
0—
ns
29A
DS, CS Negated to Data In High Impedance5, 6
tSHDI
—55
ns
30
CLKOUT Low to Data In Invalid (Fast Cycle Hold)5
tCLDI
10
—
ns
30A
CLKOUT Low to Data In High Impedance5
tCLDH
—90
ns
31
DSACK[1:0] Asserted to Data In Valid7
tDADI
—50
ns
33
Clock Low to BG Asserted/Negated
tCLBAN
—29
ns
35
BR Asserted to BG Asserted (RMC not Asserted)8
tBRAGA
1—
tcyc
37
BGACK Asserted to BG Negated
tGAGN
12
tcyc
39
BG Width Negated
tGH
2—
tcyc
39A
BG Width Asserted
tGA
1—
tcyc
46
R/W Width Asserted (Write or Read)
tRWA
150
—
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com